công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4861 bảng dữ liệu(PDF) 69 Page - STMicroelectronics

tên linh kiện AN4861
Giải thích chi tiết về linh kiện  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4861 bảng dữ liệu(HTML) 69 Page - STMicroelectronics

Back Button AN4861 Datasheet HTML 65Page - STMicroelectronics AN4861 Datasheet HTML 66Page - STMicroelectronics AN4861 Datasheet HTML 67Page - STMicroelectronics AN4861 Datasheet HTML 68Page - STMicroelectronics AN4861 Datasheet HTML 69Page - STMicroelectronics AN4861 Datasheet HTML 70Page - STMicroelectronics AN4861 Datasheet HTML 71Page - STMicroelectronics AN4861 Datasheet HTML 72Page - STMicroelectronics AN4861 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 91 page
background image
DocID029237 Rev 2
69/91
AN4861
LTDC application examples
89
Figure 38. STM32CubeMX: LTDC configuration
In the LTDC configuration window described in Figure 39, select all the LTDC pins then set
the maximum output speed to very high.
Figure 39. STM32CubeMX: LTDC GPIOs output speed configuration
Specific pins configuration of the display module
Once that all the LTDC interface pins are correctly configured respecting the LCD-TFT panel
connection, the user should configure the other specific pins connected to the display
(LCD_DISP, INT pin and I2C interface)
The LCD_DISP pin (PI12 pin) has to be configured as an output push pull with high level in
order to enable the display, otherwise the display stays in standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91