| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DP83261 bảng dữ liệu(PDF) 67 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83261 bảng dữ liệu(HTML) 67 Page - National Semiconductor (TI) |
|
67 / 132 page ![]() 60 Control Information (Continued) Frame Transmitted Counter (FTCT) The Frame Transmitted Counter (FTCT) maintains the count of frames transmitted successfully by this station The counter can be used to accumulate station performance statistics The Frame Transmitted Counter is incremented every time a complete frame is transmitted from the MAC Request Interface MAC and Void frames generated by the Ring Engine are not included in the count Interrupts are available on increment (CILRFRTRX) and when the 20-bit counter overflows and wraps around (COLRFRTRX) ACCESS RULES Address Read Write B4 – B7h Always Stop Mode D7 D6 D5 D4 D3 D2 D1 D0 FTCT0 Zero Zero Zero Zero Zero Zero Zero Zero FTCT1 Zero Zero Zero Zero CT(19) CT(18) CT(17) CT(16) FTCT2 CT(15) CT(14) CT(13) CT(12) CT(11) CT(10) CT(9) CT(8) FTCT3 CT(7) CT(6) CT(5) CT(4) CT(3) CT(2) CT(1) CT(0) 67 |