| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DP83261 bảng dữ liệu(PDF) 63 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83261 bảng dữ liệu(HTML) 63 Page - National Semiconductor (TI) |
|
63 / 132 page ![]() 60 Control Information (Continued) Error Isolated Counter (EICT) The Error Isolated Counter (EICT) is specified in the FDDI MAC Standard It is the count of all error frames detected by this station and no previous station It is incremented when 1) an FCS error is detected and the received Error Indicator (Er) is not equal to S or 2) a frame of invalid length (ie off-boundary T) is received and Er is not equal to S or 3) Er is not R or S Interrupts are available on increment (CILRFREI) and when the 20-bit counter overflows and wraps around (COLRFREI) ACCESS RULES Address Read Write A4 – A7h Always Stop Mode D7 D6 D5 D4 D3 D2 D1 D0 EICT0 Zero Zero Zero Zero Zero Zero Zero Zero EICT1 Zero Zero Zero Zero CT(19) CT(18) CT(17) CT(16) EICT2 CT(15) CT(14) CT(13) CT(12) CT(11) CT(10) CT(9) CT(8) EICT3 CT(7) CT(6) CT(5) CT(4) CT(3) CT(2) CT(1) CT(0) 63 |