công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADP2291 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADP2291
Giải thích chi tiết về linh kiện  Compact, 1.5 A Linear Charger for Single-Cell Li Battery
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADP2291 bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADP2291 Datasheet HTML 1Page - Analog Devices ADP2291 Datasheet HTML 2Page - Analog Devices ADP2291 Datasheet HTML 3Page - Analog Devices ADP2291 Datasheet HTML 4Page - Analog Devices ADP2291 Datasheet HTML 5Page - Analog Devices ADP2291 Datasheet HTML 6Page - Analog Devices ADP2291 Datasheet HTML 7Page - Analog Devices ADP2291 Datasheet HTML 8Page - Analog Devices ADP2291 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Compact, 1.5 A Linear Charger
for Single-Cell Li+ Battery
ADP2291
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Simple, safe linear charger for single cell lithium battery
4.5 V to 12 V input voltage range
Adjustable charging current up to 1.5 A
Low cost PNP external pass element
Automatic reverse isolation with no external blocking diode
Output overshoot protection
Deep discharge precharge mode
Thermal shutdown
Automatic recharge
Programmable termination timer
LED charging status indicator
4.2 V output voltage with ±1% accuracy over line and
temperature
1 µA shutdown supply current
Small, 8-pin MSOP and 3 × 3 mm LFCSP packages
APPLICATIONS
Wireless handsets
Smart handhelds and PDAs
Digital cameras
Single cell lithium ion-powered systems
Cradle chargers
GENERAL DESCRIPTION
The ADP2291 is a constant-current/constant-voltage linear
charger for a single cell lithium ion battery, requiring just a few
components to provide a simple and safe charging system that
operates from a wide 4.5 V to 12 V input voltage range. It
features an internally controlled, multistep charging cycle that
improves battery life.
An external, low cost, PNP provides the charging current to the
battery and an external resistor sets the maximum charge
current. A small external capacitor programs the maximum
charge time. The controller includes an LED driver to indicate
the battery charging status.
Safety features include charging stop mode for battery faults,
output overshoot protection, and thermal shutdown. The
ADP2291 also features automatic reverse isolation, which does
not require an additional blocking diode.
The multistep charge cycle optimizes the battery charging time
in a safe manner. It features a trickle charge mode for a deeply
discharged cell and a fast charging mode with a maximum
current of 1.5 A. The ADP2291 controls the end of charge with
a 4.2 V output voltage that is 1% accurate over line and temp-
erature. It automatically recharges the battery if the cell voltage
drops. When the input supply is removed, the part enters a low
current state and reduces the current drawn from the battery to
below 1 µA.
The ADP2291 is available in both a small, 8-pin MSOP package
and a 3 × 3 mm LFCSP package that is ideally suited for small,
portable applications.
TYPICAL OPERATING CIRCUIT
ADP2291
TIMER
ADJ
RS
Q1
CTIMER
INPUT
4.6V–12V
SHUTDOWN
+
IN
CHG
BAT
CIN
GND
CS
DRV
COUT
Figure 1. Basic Circuit Configuration


Số phần tương tự - ADP2291

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADP2291 AD-ADP2291_15 Datasheet
427Kb / 20P
Compact, 1.5 A Linear Charger for Single-Cell Li Battery
REV. A
More results

Mô tả tương tự - ADP2291

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX1898 MAXIM-MAX1898 Datasheet
210Kb / 12P
Linear Charger for Single-Cell Li Battery
Rev 0; 1/02
logo
Richtek Technology Corp...
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
RT9513 RICHTEK-RT9513 Datasheet
207Kb / 9P
Linear Single Cell Li-Ion Battery Charger IC
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
logo
Analog Devices
ADP2291 AD-ADP2291_15 Datasheet
427Kb / 20P
Compact, 1.5 A Linear Charger for Single-Cell Li Battery
REV. A
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5805 GMT-G5805 Datasheet
74Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5803 GMT-G5803 Datasheet
76Kb / 1P
1A Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
Linear Single Cell Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com