công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADP2291 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện ADP2291
Giải thích chi tiết về linh kiện  Compact, 1.5 A Linear Charger for Single-Cell Li Battery
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADP2291 bảng dữ liệu(HTML) 4 Page - Analog Devices

  ADP2291 Datasheet HTML 1Page - Analog Devices ADP2291 Datasheet HTML 2Page - Analog Devices ADP2291 Datasheet HTML 3Page - Analog Devices ADP2291 Datasheet HTML 4Page - Analog Devices ADP2291 Datasheet HTML 5Page - Analog Devices ADP2291 Datasheet HTML 6Page - Analog Devices ADP2291 Datasheet HTML 7Page - Analog Devices ADP2291 Datasheet HTML 8Page - Analog Devices ADP2291 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADP2291
Rev. 0 | Page 4 of 20
Parameter
Conditions
Min
Typ
Max
Unit
Battery Charge Timer
Charge/Discharge TIMER Current
21.0
24.0
27.0
µA
Low Threshold
1.2
V
High Threshold
2.0
V
High-Low Threshold Delta2
750
850
mV
Overshoot Protection
BAT Threshold
4.7
5
5.3
V
Current Sink
<2 ms duration
1.5
A
CHG Output
Output Voltage Low
Current = 20 mA
0.45
V
Output Leakage Current
V
CHG = 5 V
0.1
1
µA
Base Drive Capability
Max Base Drive Current
40
mA
Thermal Shutdown
Shutdown Threshold
TA rising
135
°C
Hysteresis
35
°C
1 All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC). Typical values are at TA = 25° C.
2 Guaranteed by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20