công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5744 bảng dữ liệu(PDF) 1 Page - NXP Semiconductors

tên linh kiện MPC5744
Giải thích chi tiết về linh kiện  MPC5746C Microcontroller
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MPC5744 bảng dữ liệu(HTML) 1 Page - NXP Semiconductors

  MPC5744 Datasheet HTML 1Page - NXP Semiconductors MPC5744 Datasheet HTML 2Page - NXP Semiconductors MPC5744 Datasheet HTML 3Page - NXP Semiconductors MPC5744 Datasheet HTML 4Page - NXP Semiconductors MPC5744 Datasheet HTML 5Page - NXP Semiconductors MPC5744 Datasheet HTML 6Page - NXP Semiconductors MPC5744 Datasheet HTML 7Page - NXP Semiconductors MPC5744 Datasheet HTML 8Page - NXP Semiconductors MPC5744 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
MPC5746C
MPC5746C Microcontroller
Datasheet
Features
• 1 × 160 MHz Power Architecture® e200z4 Dual issue,
32-bit CPU
– Single precision floating point operations
– 8 KB instruction cache and 4 KB data cache
– Variable length encoding (VLE) for significant code
density improvements
• 1 x 80 MHz Power Architecture® e200z2 Single issue,
32-bit CPU
– Using variable length encoding (VLE) for
significant code size footprint reduction
• End to end ECC
– All bus masters, for example, cores, generate a
single error correction, double error detection
(SECDED) code for every bus transaction
– SECDED covers 64-bit data and 29-bit address
• Memory interfaces
– 3 MB on-chip flash memory supported with the
flash memory controller
– 3 x flash memory page buffers (3-port flash memory
controller)
– 384 KB on-chip SRAM across three RAM ports
• Clock interfaces
– 8-40 MHz external crystal (FXOSC)
– 16 MHz IRC (FIRC)
– 128 KHz IRC (SIRC)
– 32 KHz external crystal (SXOSC)
– Clock Monitor Unit (CMU)
– Frequency modulated phase-locked loop (FMPLL)
– Real Time Counter (RTC)
• System Memory Protection Unit (SMPU) with up to 32
region descriptors and 16-byte region granularity
• 16 Semaphores to manage access to shared resources
• Interrupt controller (INTC) capable of routing
interrupts to any CPU
• Crossbar switch architecture for concurrent access to
peripherals, flash memory, and RAM from multiple
bus masters
• 32-channel eDMA controller with multiple transfer
request sources using DMAMUX
• Boot Assist Flash (BAF) supports internal flash
programming via a serial link (SCI)
• Analog
– Two analog-to-digital converters (ADC), one 10-bit
and one 12-bit
– Three analog comparators
– Cross Trigger Unit to enable synchronization of
ADC conversions with a timer event from the
eMIOS or from the PIT
• Communication
– Four Deserial Serial Peripheral Interface (DSPI)
– Four Serial Peripheral interface (SPI)
– 16 serial communication interface (LIN) modules
– Eight enhanced FlexCAN3 with FD support
– Four inter-IC communication interface (I2C)
– ENET complex (10/100 Ethernet) that supports
Multi queue with AVB support, 1588, and MII/
RMII
– Dual-channel FlexRay controller
• Audio
– Synchronous Audio Interface (SAI)
– Fractional clock dividers (FCD) operating in
conjunction with the SAI
• Configurable I/O domains supporting FlexCAN,
LINFlexD, Ethernet, and general I/O
• Supports wake-up from low power modes via the
WKPU controller
• On-chip voltage regulator (VREG)
• Debug functionality
– e200z2 core:NDI per IEEE-ISTO 5001-2008
Class3+
– e200z4 core: NDI per IEEE-ISTO 5001-2008 Class
3+
NXP Semiconductors
Document Number MPC5746C
Data Sheet: Technical Data
Rev. 6, 11/2018
NXP reserves the right to change the production detail specifications as may be
required to permit improvements in the design of its products.


Số phần tương tự - MPC5744

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MPC5744P FREESCALE-MPC5744P Datasheet
827Kb / 114P
MPC5744P Data Sheet
logo
NXP Semiconductors
MPC5744P NXP-MPC5744P Datasheet
1Mb / 115P
32-bit MCU suitable for ISO26262 ASILD chassis and safety applications
Rev. 6.1, 11/2017
logo
Freescale Semiconductor...
MPC5744P FREESCALE-MPC5744P Datasheet
1Mb / 27P
KITMPC5744DBEVM Evaluation Daughter Board
Rev. 1.0, 2/2015
logo
NXP Semiconductors
MPC5744P NXP-MPC5744P Datasheet
2Mb / 24P
Ultra-Reliable MCUs for Industrial and Automotive Applications
MPC5744PEK0KLQ5 NXP-MPC5744PEK0KLQ5 Datasheet
1Mb / 115P
32-bit MCU suitable for ISO26262 ASILD chassis and safety applications
Rev. 6.1, 11/2017
More results

Mô tả tương tự - MPC5744

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
Microcontroller
LM4F111B2QR TI1-LM4F111B2QR Datasheet
5Mb / 1113P
Microcontroller
LM4F111E5QR TI1-LM4F111E5QR Datasheet
5Mb / 1114P
Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
Microcontroller
LM3S1110 TI1-LM3S1110 Datasheet
4Mb / 539P
Microcontroller
logo
Renesas Technology Corp
S5D9 RENESAS-S5D9 Datasheet
2Mb / 115P
Microcontroller
logo
List of Unclassifed Man...
N79E855 ETC2-N79E855 Datasheet
3Mb / 180P
Microcontroller
W567BXXX ETC2-W567BXXX Datasheet
494Kb / 13P
microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com