công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5746C bảng dữ liệu(PDF) 13 Page - NXP Semiconductors

tên linh kiện MPC5746C
Giải thích chi tiết về linh kiện  MPC5746C Microcontroller
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MPC5746C bảng dữ liệu(HTML) 13 Page - NXP Semiconductors

Back Button MPC5746C Datasheet HTML 9Page - NXP Semiconductors MPC5746C Datasheet HTML 10Page - NXP Semiconductors MPC5746C Datasheet HTML 11Page - NXP Semiconductors MPC5746C Datasheet HTML 12Page - NXP Semiconductors MPC5746C Datasheet HTML 13Page - NXP Semiconductors MPC5746C Datasheet HTML 14Page - NXP Semiconductors MPC5746C Datasheet HTML 15Page - NXP Semiconductors MPC5746C Datasheet HTML 16Page - NXP Semiconductors MPC5746C Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
4. VDD_LV supply pins should never be grounded (through a small impedance). If these are not driven, they should only be
left floating
5. VIN1_CMP_REF ≤ VDD_HV_A
6. This supply is shorted VDD_HV_A on lower packages.
7. TJ=150°C. Assumes TA=125°C
• Assumes maximum
θJA of 2s2p board. See Thermal attributes
4.3 Voltage regulator electrical characteristics
The voltage regulator is composed of the following blocks:
• Choice of generating supply voltage for the core area.
• Control of external NPN ballast transistor
• Generating core supply using internal ballast transistor
• Connecting an external 1.25 V (nominal) supply directly without the NPN ballast
• Internal generation of the 3.3 V flash supply when device connected in 5V
applications
• External bypass of the 3.3 V flash regulator when device connected in 3.3V
applications
• Low voltage detector - low threshold (LVD_IO_A_LO) for VDD_HV_IO_A supply
• Low voltage detector - high threshold (LVD_IO_A_Hi) for VDD_HV_IO_A supply
• Low voltage detector (LVD_FLASH) for 3.3 V flash supply (VDD_HV_FLA)
• Various low voltage detectors (LVD_LV_x)
• High voltage detector (HVD_LV_cold) for 1.2 V digital core supply (VDD_LV)
• Power on Reset (POR_LV) for 1.25 V digital core supply (VDD_LV)
• Power on Reset (POR_HV) for 3.3 V to 5 V supply (VDD_HV_A)
The following bipolar transistors1 are supported, depending on the device performance
requirements. As a minimum the following must be considered when determining the
most appropriate solution to maintain the device under its maximum power dissipation
capability: current, ambient temperature, mounting pad area, duty cycle and frequency for
Idd, collector voltage, etc
1. BCP56, MCP68 and MJD31are guaranteed ballasts.
General
MPC5746C Microcontroller Datasheet, Rev. 6, 11/2018
NXP Semiconductors
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com