công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5746C bảng dữ liệu(PDF) 39 Page - NXP Semiconductors

tên linh kiện MPC5746C
Giải thích chi tiết về linh kiện  MPC5746C Microcontroller
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MPC5746C bảng dữ liệu(HTML) 39 Page - NXP Semiconductors

Back Button MPC5746C Datasheet HTML 35Page - NXP Semiconductors MPC5746C Datasheet HTML 36Page - NXP Semiconductors MPC5746C Datasheet HTML 37Page - NXP Semiconductors MPC5746C Datasheet HTML 38Page - NXP Semiconductors MPC5746C Datasheet HTML 39Page - NXP Semiconductors MPC5746C Datasheet HTML 40Page - NXP Semiconductors MPC5746C Datasheet HTML 41Page - NXP Semiconductors MPC5746C Datasheet HTML 42Page - NXP Semiconductors MPC5746C Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
Table 31. Flash memory program and erase specifications (continued)
Symbol
Characteristic1
Typ2
Factory
Programming3, 4
Field Update
Unit
Initial
Max
Initial
Max, Full
Temp
Typical
End of
Life5
Lifetime Max6
20°C ≤TA
≤30°C
-40°C ≤TJ
≤150°C
-40°C ≤TJ
≤150°C
≤ 1,000
cycles
≤ 250,000
cycles
t32kers
32 KB Block erase time
217
360
390
310
1,200
ms
t32kpgm
32 KB Block program time
69
100
110
90
1,200
ms
t64kers
64 KB Block erase time
315
490
590
420
1,600
ms
t64kpgm
64 KB Block program time
138
180
210
170
1,600
ms
t256kers
256 KB Block erase time
884
1,520
2,030
1,080
4,000
—
ms
t256kpgm
256 KB Block program time
552
720
880
650
4,000
—
ms
1. Program times are actual hardware programming times and do not include software overhead. Block program times
assume quad-page programming.
2. Typical program and erase times represent the median performance and assume nominal supply values and operation at
25 °C. Typical program and erase times may be used for throughput calculations.
3. Conditions: ≤ 150 cycles, nominal voltage.
4. Plant Programing times provide guidance for timeout limits used in the factory.
5. Typical End of Life program and erase times represent the median performance and assume nominal supply values.
Typical End of Life program and erase values may be used for throughput calculations.
6. Conditions: -40°C ≤ TJ ≤ 150°C, full spec voltage.
6.3.2 Flash memory Array Integrity and Margin Read specifications
Table 32. Flash memory Array Integrity and Margin Read specifications
Symbol
Characteristic
Min
Typical
Max1
Units
2
tai16kseq
Array Integrity time for sequential sequence on 16 KB block.
—
—
512 x
Tperiod x
Nread
—
tai32kseq
Array Integrity time for sequential sequence on 32 KB block.
—
—
1024 x
Tperiod x
Nread
—
tai64kseq
Array Integrity time for sequential sequence on 64 KB block.
—
—
2048 x
Tperiod x
Nread
—
tai256kseq
Array Integrity time for sequential sequence on 256 KB block.
—
—
8192 x
Tperiod x
Nread
—
tmr16kseq
Margin Read time for sequential sequence on 16 KB block.
73.81
—
110.7
μs
tmr32kseq
Margin Read time for sequential sequence on 32 KB block.
128.43
—
192.6
μs
tmr64kseq
Margin Read time for sequential sequence on 64 KB block.
237.65
—
356.5
μs
tmr256kseq
Margin Read time for sequential sequence on 256 KB block.
893.01
—
1,339.5
μs
Memory interfaces
MPC5746C Microcontroller Datasheet, Rev. 6, 11/2018
NXP Semiconductors
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com