| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SL3ICS3001FW bảng dữ liệu(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL3ICS3001FW bảng dữ liệu(HTML) 7 Page - NXP Semiconductors |
|
7 / 54 page ![]() SL3ICS3001_072831 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.1 — 9 July 2012 072831 7 of 54 NXP Semiconductors SL3ICS3001 UCODE HSL 8. Protocol 8.1 Major digital states A powered IC can be in three major digital states: • READY the reset state when the tag is first powered up • ID the tag is trying to identify itself to the base station • DATA EXCHANGE the tag is known to the base station In a typical application a tag will first be powered and set to the READY state. By a select command, the IC will participate in an anticollision sequence that will be processed in the ID state. If the tag gets identified a read command will typically move it to the DATA EXCHANGE state, where further read, write or lock commands can be performed. Fig 2. State diagram POWER-OFF READY ID DATA EXCHANGE Power On Power Off Power Data Read Collision Arbitration Power Off Select Unselect Read Initialize Read |