công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SL3ICS3001FW bảng dữ liệu(PDF) 29 Page - NXP Semiconductors

tên linh kiện SL3ICS3001FW
Giải thích chi tiết về linh kiện  UCODE HSL
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS3001FW bảng dữ liệu(HTML) 29 Page - NXP Semiconductors

Back Button SL3ICS3001FW Datasheet HTML 25Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 26Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 27Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 28Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 29Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 30Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 31Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 32Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
SL3ICS3001_072831
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 9 July 2012
072831
29 of 54
NXP Semiconductors
SL3ICS3001
UCODE HSL
11.2.2 GROUP_SELECT_EQ
When receiving a GROUP_SELECT_EQ command, a tag which is in the READY state
reads the 8-byte memory content beginning at the specified ADDRESS and compares it
with the WORD_DATA sent by the interrogator. In case the memory content is equal to
WORD_DATA the tag sets its internal counter COUNT to logic 0, reads its UID, sends
back the UID and goes into the state ID.
When receiving a GROUP_SELECT_EQ command, a tag which is in the ID state sets its
internal counter COUNT to logic 0, reads its UID, sends back the UID and stays in the ID
state.
In all other cases the tag will not send any reply.
[1]
If the byte mask is zero, GROUP_SELECT_EQ selects all tags.
11.2.3 GROUP_SELECT_NE
When receiving a GROUP_SELECT_NE command, a tag which is in the READY state
reads the 8-byte memory content beginning at the specified ADDRESS and compares it
with the WORD_DATA sent by the interrogator. In case the memory content is not equal to
WORD_DATA the tag sets its internal counter COUNT to logic 0, reads its UID, sends
back the UID and goes into the state ID.
When receiving a GROUP_SELECT_NE command, a tag which is in the ID state sets its
internal counter COUNT to logic 0, reads its UID, sends back the UID and stays in the ID
state.
In all other cases the tag will not send any reply.
Command sequence
Preamble Start Delimiter Command ADDRESS BYTE_MASK WORD_DATA
CRC
Response sequence in case the tag is in the ID state or meeting selection criteria
Return Preamble ID
CRC
Command sequence
Preamble Start Delimiter Command ADDRESS BYTE_MASK WORD_DATA CRC
Response sequence in case the tag is in the ID state or meeting selection criteria
Return Preamble ID
CRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54