| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP18480 bảng dữ liệu(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP18480 bảng dữ liệu(HTML) 4 Page - Microchip Technology |
|
4 / 64 page ![]() MCP18480 DS20091B-page 4 2003 Microchip Technology Inc. DC Characteristics (Continued) Electrical Specification: Unless otherwise specified, operating temperature: –40 °C ≤ TA ≤ +85°C (Industrial), Supply Current: 5 mA ≤ IPOS ≤ 25 mA, RISET = 125 kΩ, CBYP = 2 µF Param. No. Parameter Sym Min Typ (1) Max Units Conditions MD020 DRAIN pin current IDRAIN — — 0.1 µA DRAINTH pin = VNEG MD021 SENSE pin current ISENSE —— 0.1 µA MD022 GATE pin current Pull-up IGATE SENSE pin = VNEG GATE pin = VNEG +4V MD022A -30 -50 -75 µA VFB = VNEG MD022B -9 -17 -33 µA VFB = VNEG + 500 mV MD022C Pull-down IGATE 31 49 72 mA Any fault condition MD023 UVD pin current IUVD -7 -10 -15 µA UVTH < VREFIN MD024A TIMER pin current Pull-up ITIMER -100 -160 -200 µA RISET = 125 kΩ, VREFIN = 2.5V MD024B Pull-down 52 78 104 nA RISET = 125 kΩ, VREFIN = 2.5V RDISCH = 1.6 MΩ MD025 ISET pin current IISET VISET(MIN) —VISET(MAX) A See MD011 RISET(MAX) RISET(MIN) Note 1: Data in the Typical (“Typ”) column is based on characterization results at +25 °C. This data is for design guidance only and is not tested. 2: Negative current is defined as current sourced by the pin. 3: All voltages are with respect to the VNEG pin voltage. |