| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DSOPTR bảng dữ liệu(PDF) 84 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSOPTR bảng dữ liệu(HTML) 84 Page - STMicroelectronics |
|
84 / 107 page ![]() Embedded functions register description LSM6DSOP 84/107 DocID032926 Rev 5 11.7 FSM_INT_B (0Ch) INT pin control register (r/w). Each bit in this register enables a signal to be carried over INT. The pin's output will supply the OR combination of the selected signals. Table 152. FSM_INT_B register description Table 151. FSM_INT_B register INT_ FSM16 INT_ FSM15 INT_ FSM14 INT_ FSM13 INT_ FSM12 INT_ FSM11 INT_ FSM10 INT_ FSM9 INT_FSM16(1) 1. This bit is effective if the INT_EMB_FUNC bit of MD1_CFG (5Eh) is set to 1. Routing of FSM16 interrupt event on INT. Default value: 0 (0: routing on INT disabled; 1: routing on INT enabled) INT_FSM15(1) Routing of FSM15 interrupt event on INT. Default value: 0 (0: routing on INT disabled; 1: routing on INT enabled) INT_FSM14(1) Routing of FSM14 interrupt event on INT. Default value: 0 (0: routing on INT disabled; 1: routing on INT enabled) INT_FSM13(1) Routing of FSM13 interrupt event on INT. Default value: 0 (0: routing on INT disabled; 1: routing on INT enabled) INT_FSM12(1) Routing of FSM12 interrupt event on INT. Default value: 0 (0: routing on INT disabled; 1: routing on INT enabled) INT_FSM11(1) Routing of FSM11 interrupt event on INT. Default value: 0 (0: routing on INT disabled; 1: routing on INT enabled) INT_FSM10(1) Routing of FSM10 interrupt event on INT. Default value: 0 (0: routing on INT disabled; 1: routing on INT enabled) INT_FSM9(1) Routing of FSM9 interrupt event on INT. Default value: 0 (0: routing on INT disabled; 1: routing on INT enabled) |