công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DN3135 bảng dữ liệu(PDF) 4 Page - Microchip Technology

tên linh kiện DN3135
Giải thích chi tiết về linh kiện  N-Channel Depletion-Mode Vertical DMOS FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DN3135 bảng dữ liệu(HTML) 4 Page - Microchip Technology

  DN3135 Datasheet HTML 1Page - Microchip Technology DN3135 Datasheet HTML 2Page - Microchip Technology DN3135 Datasheet HTML 3Page - Microchip Technology DN3135 Datasheet HTML 4Page - Microchip Technology DN3135 Datasheet HTML 5Page - Microchip Technology DN3135 Datasheet HTML 6Page - Microchip Technology DN3135 Datasheet HTML 7Page - Microchip Technology DN3135 Datasheet HTML 8Page - Microchip Technology DN3135 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DN3135
DS20005703A-page 4
 2017 Microchip Technology Inc.
2.0
PIN DESCRIPTION
Table 2-1 shows the description of pins in DN3135
SOT-23 and SOT-89. Refer to Package Types for the
location of pins.
TABLE 2-1:
PIN FUNCTION TABLE
SOT-23
Pin Number
SOT-89
Pin Number
Pin Name
Description
1
1
Gate
Gate
2
3
Source
Source
3
2, 4
Drain
Drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12