công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DN2625 bảng dữ liệu(PDF) 3 Page - Microchip Technology

tên linh kiện DN2625
Giải thích chi tiết về linh kiện  N-Channel Depletion-Mode Vertical DMOS FET in Single and Dual Options
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DN2625 bảng dữ liệu(HTML) 3 Page - Microchip Technology

  DN2625 Datasheet HTML 1Page - Microchip Technology DN2625 Datasheet HTML 2Page - Microchip Technology DN2625 Datasheet HTML 3Page - Microchip Technology DN2625 Datasheet HTML 4Page - Microchip Technology DN2625 Datasheet HTML 5Page - Microchip Technology DN2625 Datasheet HTML 6Page - Microchip Technology DN2625 Datasheet HTML 7Page - Microchip Technology DN2625 Datasheet HTML 8Page - Microchip Technology DN2625 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AC ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, TA = 25°C. (Note 2)
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Forward Transconductance
GFS
100
—
—
mmh0 VDS = 10V, ID = 150 mA
Input Capacitance
CISS
—
800
1000
pF
VGS = –2.5V,
VDS = 25V,
f = 1 MHz
Common Source Output Capacitance
COSS
—
70
210
pF
Reverse Transfer Capacitance
CRSS
—
18
70
pF
Turn-on Delay Time
td(ON)
—
—
10
ns
VDD = 25V,
ID = 150 mA,
RGEN = 3Ω,
VGS = 0V to –10V
Rise Time
tr
—
—
20
ns
Turn-off Delay Time
td(OFF)
—
—
10
ns
Fall Time
tf
—
—
20
ns
Total Gate Charge
QG
—
—
7.04
nC
ID = 3.5A,
VDS = 100V,
VGS = 1.5V
Gate-to-source Charge
QGS
—
—
0.783
nC
Gate-to-drain Charge
QGD
—
—
3.73
nC
DIODE PARAMETER
Diode Forward Voltage Drop
VSD
—
—
1.8
V
VGS = –2.5V, ISD = 150 mA
(Note 1)
Note 1: Unless otherwise stated, all DC parameters are 100% tested at +25°C. Pulse test: 300 µs pulse, 2% duty
cycle.
2: Specification is obtained by characterization and is not 100% tested.
TEMPERATURE SPECIFICATIONS
Electrical Specifications: Unless otherwise specified, for all specifications TA = TJ = +25°C.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
TEMPERATURE RANGE
Operating Ambient Temperature
TA
–55
—
150
°C
Storage Temperature
TS
–55
—
150
°C
Soldering Temperature
—
—
—
300
°C
Note 1
PACKAGE THERMAL RESISTANCE
TO-252 D-PAK
θJA
—
81
—
°C/W
Note 2
8-lead DFN (Dual Pad)
θJA
—
29
—
°C/W
Note 3
Note 1: Distance of 1.6 mm from case for 10 seconds
2: Four-layer, 1-oz, 3 x 4-inch PCB with 20 via for drain pad
3: Four-layer, 1-oz, 3 x 4-inch PCB with 12 via for drain pad
THERMAL CHARACTERISTICS
Package
ID ( 1)
(Continuous)
(A)
ID
(Pulsed)
(A)
IDR( 1)
(A)
IDRM
(A)
TO-252 D-PAK
1.1
3.3
1.1
3.3
8-lead DFN (Dual Pad)
1.1
3.3
1.1
3.3
Note 1:
ID (Continuous) is limited by maximum TJ.
 2017 Microchip Technology Inc.
DS20005537B-page 3
DN2625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com