công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DN2625 bảng dữ liệu(PDF) 2 Page - Microchip Technology

tên linh kiện DN2625
Giải thích chi tiết về linh kiện  N-Channel Depletion-Mode Vertical DMOS FET in Single and Dual Options
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DN2625 bảng dữ liệu(HTML) 2 Page - Microchip Technology

  DN2625 Datasheet HTML 1Page - Microchip Technology DN2625 Datasheet HTML 2Page - Microchip Technology DN2625 Datasheet HTML 3Page - Microchip Technology DN2625 Datasheet HTML 4Page - Microchip Technology DN2625 Datasheet HTML 5Page - Microchip Technology DN2625 Datasheet HTML 6Page - Microchip Technology DN2625 Datasheet HTML 7Page - Microchip Technology DN2625 Datasheet HTML 8Page - Microchip Technology DN2625 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DN2625
DS20005537B-page 2
 2017 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
Drain-to-source Voltage ....................................................................................................................................... BVDSX
Drain-to-gate Voltage .......................................................................................................................................... BVDGX
Gate-to-source Voltage ......................................................................................................................................... ±20V
Operating Ambient Temperature, TA ..................................................................................................... –55°C to 150°C
Storage Temperature, TS ....................................................................................................................... –55°C to 150°C
Soldering Temperature (Note 1) ........................................................................................................................... 300°C
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only, and functional operation of the device at those or any other conditions above those
indicated in the operational sections of this specification is not intended. Exposure to maximum rating conditions for
extended periods may affect device reliability.
Note 1: Distance of 1.6 mm from case for 10 seconds
DC ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, TA = 25°C. (Note 1)
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Drain-to-source Breakdown Voltage
BVDSX
250
—
—
V
VGS = –2.5V, ID = 50 µA
Drain-to-gate Breakdown Voltage
BVDGX
250
—
—
V
VGS = –2.5V, ID = 50 µA
Gate-to-source Off Voltage
VGS(OFF)
–1.5
—
–2.1
V
VDS = 15V, ID = 100 µA
Change in VGS(OFF)
with Temperature
∆VGS(OFF)
—
—
–4.5
mV/°C VDS = 15V, ID = 100 µA (Note 2)
Gate Body Leakage Current
IGSS
—
—
100
nA
VGS = ±20V, VDS = 0V
Drain-to-source Leakage Current
ID(OFF)
—
—
1
µA
VDS = 250V, VGS = –5V
—
—
200
VDS = 250V, VGS = –5V,
TA = 125°C (Note 2)
Saturated Drain-to-source Current
IDSS
1.1
—
—
A
VGS = 0V, VDS = 15V
Pulsed Drain-to-source Current
IDS(PULSE)
3.1
3.3
—
A
VGS = 0.9V, VDS = 15V
(With duty cycle of 1%)
Static Drain-to-source On-resistance
RDS(ON)
—
—
3.5
Ω
VGS = 0V, ID = 1A
Change in RDS(ON) with
Temperature
∆RDS(ON)
—
—
1.1
%/°C
VGS = –0V, ID = 200 mA (Note 2)
Note 1: Unless otherwise stated, all DC parameters are 100% tested at +25°C. Pulse test: 300 µs pulse, 2% duty
cycle.
2: Specification is obtained by characterization and is not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com