| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74HCS72 bảng dữ liệu(PDF) 10 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74HCS72 bảng dữ liệu(HTML) 10 Page - Texas Instruments |
|
10 / 19 page ![]() GND Logic Input Output VCC Device -IIK +IIK +IOK -IOK 10 SN74HCS72 SCLS801 – FEBRUARY 2020 www.ti.com Product Folder Links: SN74HCS72 Submit Documentation Feedback Copyright © 2020, Texas Instruments Incorporated Feature Description (continued) 8.3.3 Positive and Negative Clamping Diodes The inputs and outputs to this device have both positive and negative clamping diodes as depicted in Figure 11. CAUTION Voltages beyond the values specified in the Absolute Maximum Ratings table can cause damage to the device. The input negative-voltage and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. Figure 11. Electrical Placement of Clamping Diodes for Each Input and Output 8.4 Device Functional Modes Table 1 lists the functional modes of the SN74HCS72. (1) This configuration is nonstable; that is, it does not persist when PRE or CLR returns to its inactive (high) level. Table 1. Function Table INPUTS OUTPUTS PRE CLR CLK D Q Q L H X X H L H L X X L H L L X X H(1) H(1) H H ↓ H H L H H ↓ L L H H H L X Q0 Q0 H H H X Q0 Q0 |