công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

X96012 bảng dữ liệu(PDF) 20 Page - Intersil Corporation

tên linh kiện X96012
Giải thích chi tiết về linh kiện  Universal Sensor Conditioner with Dual Look Up Table Memory and DACs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X96012 bảng dữ liệu(HTML) 20 Page - Intersil Corporation

Back Button X96012 Datasheet HTML 16Page - Intersil Corporation X96012 Datasheet HTML 17Page - Intersil Corporation X96012 Datasheet HTML 18Page - Intersil Corporation X96012 Datasheet HTML 19Page - Intersil Corporation X96012 Datasheet HTML 20Page - Intersil Corporation X96012 Datasheet HTML 21Page - Intersil Corporation X96012 Datasheet HTML 22Page - Intersil Corporation X96012 Datasheet HTML 23Page - Intersil Corporation X96012 Datasheet HTML 24Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
20
FN8216.0
March 10, 2005
Serial Clock and Data
Data states on the SDA line can change only while
SCL is LOW. SDA state changes while SCL is HIGH
are reserved for indicating START and STOP condi-
tions. See Figure 13. On power-up of the X96012, the
SDA pin is in the input mode.
Serial Start Condition
All commands are preceded by the START condition,
which is a HIGH to LOW transition of SDA while SCL
is HIGH. The device continuously monitors the SDA
and SCL lines for the START condition and does not
respond to any command until this condition has been
met. See Figure 12.
Serial Stop Condition
All communications must be terminated by a STOP
condition, which is a LOW to HIGH transition of SDA
while SCL is HIGH. The STOP condition is also used
to place the device into the Standby power mode after
a read sequence. A STOP condition can only be
issued after the transmitting device has released the
bus. See Figure 12.
Serial Acknowledge
An ACK (Acknowledge), is a software convention used
to indicate a successful data transfer. The transmitting
device, either master or slave, releases the bus after
transmitting eight bits. During the ninth clock cycle, the
receiver pulls the SDA line LOW to acknowledge the
reception of the eight bits of data. See Figure 14.
The device responds with an ACK after recognition of
a START condition followed by a valid Slave Address
byte. A valid Slave Address byte must contain the
Device Type Identifier 1010, and the Device Address
bits matching the logic state of pins A2, A1, and A0.
See Figure 16.
If a write operation is selected, the device responds
with an ACK after the receipt of each subsequent
eight-bit word.
In the read mode, the device transmits eight bits of
data, releases the SDA line, and then monitors the line
for an ACK. The device continues transmitting data if
an ACK is detected. The device terminates further
data transmissions if an ACK is not detected. The
master must then issue a STOP condition to place the
device into a known state.
The X96012 acknowledges all incoming data and
address bytes except: 1) The “Slave Address Byte”
when the “Device Identifier” or “Device Address” are
wrong; 2) All “Data Bytes” when the “WEL” bit is “0”,
with the exception of a “Data Byte” addresses to loca-
tion 86h; 3) “Data Bytes” following a “Data Byte”
addressed to locations 80h, 85h, or 86h.
Figure 11. D/A Converter Power-on Reset Response
I
x
Ix x 10%
ADC TIME
Current
Time
Time
Vcc
VADCOK
0V
Voltage
X96012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com