công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

X96012 bảng dữ liệu(PDF) 19 Page - Intersil Corporation

tên linh kiện X96012
Giải thích chi tiết về linh kiện  Universal Sensor Conditioner with Dual Look Up Table Memory and DACs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X96012 bảng dữ liệu(HTML) 19 Page - Intersil Corporation

Back Button X96012 Datasheet HTML 15Page - Intersil Corporation X96012 Datasheet HTML 16Page - Intersil Corporation X96012 Datasheet HTML 17Page - Intersil Corporation X96012 Datasheet HTML 18Page - Intersil Corporation X96012 Datasheet HTML 19Page - Intersil Corporation X96012 Datasheet HTML 20Page - Intersil Corporation X96012 Datasheet HTML 21Page - Intersil Corporation X96012 Datasheet HTML 22Page - Intersil Corporation X96012 Datasheet HTML 23Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
19
FN8216.0
March 10, 2005
The options are summarized in the following tables:
D/A Converter 1 Access Summary
D/A Converter 2 Access Summary
The A/D converter is shared between the two current
generators but the look-up tables, D/A converters,
control bits, and selection bits can be set completely
independently.
Bits D1DAS and D2DAS are used to bypass the A/D
converter and look-up tables, allowing direct access to
the inputs of the D/A converters with the bytes in con-
trol registers 3 and 4 respectively. See Figure 9, and
the descriptions of the control bits.
Bits I1DS and I2DS in Control Register 0 select the
direction of the currents through pins I1 and I2 inde-
pendently See Figure 8, and the descriptions of the
control bits.
POWER-ON RESET
When power is applied to the Vcc pin of the X96012, the
device undergoes a strict sequence of events before the
current outputs of the D/A converters are enabled.
When the voltage at Vcc becomes larger than the
power-on reset threshold voltage (VPOR), the device
recalls all control bits from non-volatile memory into
volatile registers. Next, the analog circuits are pow-
ered up. When the voltage at Vcc becomes larger than
a second voltage threshold (VADCOK), the ADC is
enabled. In the default case, after the ADC performs
four consecutive conversions with the same exact
result, the ADC output is used to select a byte from
each look-up table. Those bytes become the input of
the DACs. During all the previous sequence the input
of both DACs are 00h. If bit ADCfiltOff is “1”, only one
ADC conversion is necessary. Bits D1DAS, D2DAS,
L1DAS, and L2DAS, also modify the way the two
DACs are accessed the first time after power-up, as
described in “Control Register 5” on page 13.
The X96012 is a hot pluggable device. Voltage dis-
trubances on the Vcc pin are handled by the power-on
reset circuit, allowing proper operation during hot plug-
in applications.
SERIAL INTERFACE
Serial Interface Conventions
The device supports a bidirectional bus oriented proto-
col. The protocol defines any device that sends data
onto the bus as a transmitter, and the receiving device
as the receiver. The device controlling the transfer is
called the master and the device being controlled is
called the slave. The master always initiates data
transfers, and provides the clock for both transmit and
receive operations. The X96012 operates as a slave in
all applications.
L1DAS
D1DAS
Control Source
0
0
A/D converter through LUT1
(Default)
1
0
Bits L1DA5 - L1DA0 through LUT1
X
1
Bits D1DA7 - D1DA0
“X” = Don’t Care Condition (May be either “1” or “0”)
L2DAS
D2DAS
Control Source
0
0
A/D converter through LUT2
(Default)
1
0
Bits L2DA5–L2DA0 through LUT2
X
1
Bits D2DA7–D2DA0
“X” = Don’t Care Condition (May be either “1” or “0”)
X96012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com