công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BWSH03 bảng dữ liệu(PDF) 12 Page - Bellnix Co.,Ltd.

tên linh kiện BWSH03
Giải thích chi tiết về linh kiện  Contactless power supply module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BELLNIX [Bellnix Co.,Ltd.]
Trang chủ  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BWSH03 bảng dữ liệu(HTML) 12 Page - Bellnix Co.,Ltd.

Back Button BWSH03 Datasheet HTML 5Page - Bellnix Co.,Ltd. BWSH03 Datasheet HTML 6Page - Bellnix Co.,Ltd. BWSH03 Datasheet HTML 7Page - Bellnix Co.,Ltd. BWSH03 Datasheet HTML 8Page - Bellnix Co.,Ltd. BWSH03 Datasheet HTML 9Page - Bellnix Co.,Ltd. BWSH03 Datasheet HTML 10Page - Bellnix Co.,Ltd. BWSH03 Datasheet HTML 11Page - Bellnix Co.,Ltd. BWSH03 Datasheet HTML 12Page - Bellnix Co.,Ltd. BWSH03 Datasheet HTML 13Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Contactless power supply module
BWS Series
12
Bellnix
AC-DC Converter
BWS20170519_C01
7-3-3.
Pin assignment of the rectifier + CCCV circuit board
CN
No.
Terminal
name
Terminal type
Terminal
No.
Indication
Electrical function
TB1
Vin1
Board terminal:
<OT-052:OSADA>
-
TB1
Connected to
power receiving
transformer
TB2
Vin2
-
TB2
Connected to
power receiving
transformer
CN1
Vout
Connector:
<B2B-XH-A:JST>
1
1
Output DC28.7V
GND
2
2
GND
※ Fix the power receiving transformer to TB1 and TB2 connectors of the rectifier + CCCV circuit board
using M3 5mm screws.
7-4.
Appearance
Scratches that do not affect functionality and characteristics of the product can be ignored. However,
scratches whose exceeds 2/3 of the aluminum plate thickness, or those altering the appearance of the
product, are not allowable.
8. Lot No. indication
Lot No. indication pattern is shown below.
9. Vibration and shock testing
Vibration:
5 ~ 10Hz
total amplitude 10mm,
10 ~ 55Hz, acceleration 2G (1 hour in each of
3 directions)
Shock:
Acceleration
20G (3 times in each of 3 directions)
Shock time:
11±5ms
10. Standard connection circuit
* For connection of the ON/OFF control refer to chapter 5-7 ON/OFF control.
受電
トランス
CCCV
コンバータ
BWS50-28S1R5R
TB1
TB2
AC/DC電源
送電
トランス
BWS50-28S1R5T
CN1-1
CN1-1
CN2-1
CN2-1
CN1-3
CN2-3
CN1-3
CN2-4
インバータ
回路
BWS50-28S1R5P
CN4
2
5
6
7
10
1
SW1
Load
8
3
9
CN2-1
CN2-2
Vin
4
BWSH01
BWSH02
BWSH03
15
15 D 2
製造管理密番 (無表示の場合もあり)
製造月(1~9月=1~9、10月=O、11月=N、12月=D)
製造年(西暦末尾2桁)
(2015年 1月製造)
(2015年12月製造)
1
(Manufactured January 2015)
(Manufactured December 2015)
Manufacture control code (may be absent)
Month of manufacture (Jan-Sep=1-9, Oct=0, Nov=N, Dec = D
Year of manufacture (2 lower digits)
Inverter
circuit
AC/DC
power supply
converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com