| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM158AFKB bảng dữ liệu(PDF) 41 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM158AFKB bảng dữ liệu(HTML) 41 Page - Texas Instruments |
|
41 / 56 page ![]() Device Package Type Package Drawing Pins SPQ Length (mm) Width (mm) Height (mm) LM258DR SOIC D 8 2500 364.0 364.0 27.0 LM258DRG3 SOIC D 8 2500 364.0 364.0 27.0 LM258DRG3 SOIC D 8 2500 333.2 345.9 28.6 LM258DRG4 SOIC D 8 2500 340.5 338.1 20.6 LM258DRG4 SOIC D 8 2500 367.0 367.0 35.0 LM2904AVQDR SOIC D 8 2500 340.5 338.1 20.6 LM2904AVQDRG4 SOIC D 8 2500 340.5 338.1 20.6 LM2904AVQPWR TSSOP PW 8 2000 367.0 367.0 35.0 LM2904AVQPWRG4 TSSOP PW 8 2000 367.0 367.0 35.0 LM2904BAIDR SOIC D 8 2500 340.5 338.1 20.6 LM2904BIDR SOIC D 8 2500 340.5 338.1 20.6 LM2904DGKR VSSOP DGK 8 2500 364.0 364.0 27.0 LM2904DGKR VSSOP DGK 8 2500 358.0 335.0 35.0 LM2904DR SOIC D 8 2500 340.5 338.1 20.6 LM2904DR SOIC D 8 2500 333.2 345.9 28.6 LM2904DR SOIC D 8 2500 364.0 364.0 27.0 LM2904DR SOIC D 8 2500 367.0 367.0 35.0 LM2904DRG3 SOIC D 8 2500 333.2 345.9 28.6 LM2904DRG3 SOIC D 8 2500 364.0 364.0 27.0 LM2904DRG4 SOIC D 8 2500 367.0 367.0 35.0 LM2904DRG4 SOIC D 8 2500 340.5 338.1 20.6 LM2904PWR TSSOP PW 8 2000 364.0 364.0 27.0 LM2904PWR TSSOP PW 8 2000 367.0 367.0 35.0 LM2904PWRG3 TSSOP PW 8 2000 364.0 364.0 27.0 LM2904PWRG4-JF TSSOP PW 8 2000 367.0 367.0 35.0 LM2904QDR SOIC D 8 2500 350.0 350.0 43.0 LM2904VQDR SOIC D 8 2500 340.5 338.1 20.6 LM2904VQPWR TSSOP PW 8 2000 367.0 367.0 35.0 LM2904VQPWRG4 TSSOP PW 8 2000 367.0 367.0 35.0 LM358ADGKR VSSOP DGK 8 2500 364.0 364.0 27.0 LM358ADR SOIC D 8 2500 367.0 367.0 35.0 LM358ADR SOIC D 8 2500 333.2 345.9 28.6 LM358ADR SOIC D 8 2500 340.5 338.1 20.6 LM358ADR SOIC D 8 2500 364.0 364.0 27.0 LM358ADRG4 SOIC D 8 2500 367.0 367.0 35.0 LM358ADRG4 SOIC D 8 2500 340.5 338.1 20.6 LM358APWR TSSOP PW 8 2000 367.0 367.0 35.0 LM358APWR TSSOP PW 8 2000 364.0 364.0 27.0 LM358APWRG4 TSSOP PW 8 2000 367.0 367.0 35.0 LM358BAIDR SOIC D 8 2500 340.5 338.1 20.6 LM358BIDR SOIC D 8 2500 340.5 338.1 20.6 LM358DGKR VSSOP DGK 8 2500 358.0 335.0 35.0 LM358DGKR VSSOP DGK 8 2500 364.0 364.0 27.0 LM358DR SOIC D 8 2500 364.0 364.0 27.0 PACKAGE MATERIALS INFORMATION www.ti.com 28-Dec-2019 Pack Materials-Page 4 |