| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM158AFKB bảng dữ liệu(PDF) 32 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM158AFKB bảng dữ liệu(HTML) 32 Page - Texas Instruments |
|
32 / 56 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 27-Jan-2020 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM258AP ACTIVE PDIP P 8 50 Green (RoHS & no Sb/Br) CU NIPDAU | CU SN N / A for Pkg Type -25 to 85 LM258AP LM258APE4 ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -25 to 85 LM258AP LM258D ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -25 to 85 LM258 LM258DG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -25 to 85 LM258 LM258DGKR ACTIVE VSSOP DGK 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU | CU NIPDAUAG Level-1-260C-UNLIM -25 to 85 (M2L, M2P, M2S, M2 U) LM258DGKRG4 ACTIVE VSSOP DGK 8 2500 Green (RoHS & no Sb/Br) CU NIPDAUAG Level-1-260C-UNLIM -25 to 85 (M2L, M2P, M2S, M2 U) LM258DR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU | CU SN Level-1-260C-UNLIM -25 to 85 LM258 LM258DRG3 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -25 to 85 LM258 LM258DRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -25 to 85 LM258 LM258P ACTIVE PDIP P 8 50 Green (RoHS & no Sb/Br) CU NIPDAU | CU SN N / A for Pkg Type -25 to 85 LM258P LM258PE4 ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -25 to 85 LM258P LM2904AVQDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 L2904AV LM2904AVQDRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 L2904AV LM2904AVQPWR ACTIVE TSSOP PW 8 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 L2904AV LM2904AVQPWRG4 ACTIVE TSSOP PW 8 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 L2904AV LM2904BAIDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 2904BA LM2904BIDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 L2904B LM2904BIPWR PREVIEW TSSOP PW 8 2000 TBD Call TI Call TI -40 to 125 |