công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

080-0001 bảng dữ liệu(PDF) 1 Page - Laird Tech Smart Technology

tên linh kiện 080-0001
Giải thích chi tiết về linh kiện  TiWi-uB2 Bluetooth Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LSTD [Laird Tech Smart Technology]
Trang chủ  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

080-0001 bảng dữ liệu(HTML) 1 Page - Laird Tech Smart Technology

  080-0001 Datasheet HTML 1Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 2Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 3Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 4Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 5Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 6Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 7Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 8Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 9Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
TiWi-uB2 Module
DATASHEET
The information in this document is subject to change without notice.
330-0100-R1.5
Copyright © 2012-2018 LSR
Page 1 of 36
TiWi-uB2 Bluetooth Module
FEATURES
• Built in CC2564 single-chip Bluetooth fully
supports BT 2.1 + EDR, BLE 4.0.
• RF Output Power: +10 dBm (Class 1.5)
• RF Receive Sensitivity: -94 dBm
• Miniature Size: 7 mm x 7 mm x 1.5 mm
• Operating Voltage: 2.2V to 4.8V
• Operating temperature: -30 to +85o C
• Worldwide acceptance: FCC (USA), IC
(Canada), ETSI (Europe), Giteki (Japan)
• RoHS compliant
• Supports maximum Bluetooth data rates
over HCI UART interface.
• Supports multiple Bluetooth profiles with
enhanced QoS, both mono and stereo,
assisted A2DP
APPLICATIONS
• Medical (ex Heart Rate Monitor, Blood
Pressure Sensor, Blood Glucose Meter)
• Thermometer
• Flood Alarm
• Heating Control
• Automatic Key Control
• Industrial Sensors
• Toys
• Entertainment Devices
• Mobile Accessories
• All Bluetooth Wireless Applications
DESCRIPTION
LSR would like to announce a low-cost and low-
power consumption module which has all of the
Bluetooth functionalities. The highly integrated
TiWi-uB2 module makes the use of Bluetooth
headsets and other applications possible.
The TiWi-uB2 module fully supports the dual mode
Bluetooth and BLE operation, and the output power
can support class 1.5. The SIP module provides
UART interface / audio PCM interface for Bluetooth.
The SIP module is specifically developed for Smart
phones and Portable devices.
Need to get to market quickly? Not an expert in
Bluetooth? Need a custom antenna? Do you need
help with your host board? LSR Design Services will
be happy to develop custom hardware or software,
or help integrate the design. Contact us at
sales@lsr.com or call us at 262-375-4400.
ORDERING INFORMATION
Order Number
Description
450-0104
TiWi-uB2 Module (Tray)
450-0104R
TiWi-uB2 Module (Tape & Reel)
450-0105
TiWi-uB2 EM Board
Table 1 Orderable Model Numbers


Số phần tương tự - 080-0001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
080-0001 ETC2-080-0001 Datasheet
2Mb / 2P
Multi-Standard Module
logo
Laird Tech Smart Techno...
080-0001 LSTD-080-0001 Datasheet
1Mb / 33P
Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
080-0001 LSTD-080-0001 Datasheet
1Mb / 51P
Integrated Transceiver Modules for WLAN 802.11 b/g/n, Bluetooth, and ANT
080-0001 LSTD-080-0001 Datasheet
1Mb / 58P
Integrated Transceiver Modules for WLAN 802.11 a/b/g/n, Bluetooth, Bluetooth Low Energy (BLE), and ANT
080-0001 LSTD-080-0001 Datasheet
1Mb / 52P
Integrated Transceiver Modules for WLAN 802.11 b/g/n, Bluetooth, Bluetooth Low Energy (BLE)
More results

Mô tả tương tự - 080-0001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
BUDDIES TECHNOLOGY LIMI...
BLM211 BUDDIES-BLM211 Datasheet
302Kb / 15P
Bluetooth Module
BTA256M BUDDIES-BTA256M Datasheet
260Kb / 17P
Bluetooth Module
BTM312 BUDDIES-BTM312 Datasheet
960Kb / 23P
Bluetooth Module
BTM512 BUDDIES-BTM512 Datasheet
990Kb / 23P
Bluetooth Module
BTM8610 BUDDIES-BTM8610 Datasheet
970Kb / 23P
Bluetooth Module
BTM8610M BUDDIES-BTM8610M Datasheet
939Kb / 22P
Bluetooth Module
BTM8640 BUDDIES-BTM8640 Datasheet
975Kb / 24P
Bluetooth Module
BTM8645M BUDDIES-BTM8645M Datasheet
927Kb / 23P
Bluetooth Module
BTMC6R24 BUDDIES-BTMC6R24 Datasheet
924Kb / 24P
Bluetooth Module
logo
Laird Tech Smart Techno...
450-0103C LSTD-450-0103C Datasheet
1Mb / 42P
TiWi-uB1 Bluetooth Smart (BLE) Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com