công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSC1105AI2-T bảng dữ liệu(PDF) 11 Page - Microchip Technology

tên linh kiện DSC1105AI2-T
Giải thích chi tiết về linh kiện  Low EMI, Low-Jitter Precision CMOS Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1105AI2-T bảng dữ liệu(HTML) 11 Page - Microchip Technology

Back Button DSC1105AI2-T Datasheet HTML 7Page - Microchip Technology DSC1105AI2-T Datasheet HTML 8Page - Microchip Technology DSC1105AI2-T Datasheet HTML 9Page - Microchip Technology DSC1105AI2-T Datasheet HTML 10Page - Microchip Technology DSC1105AI2-T Datasheet HTML 11Page - Microchip Technology DSC1105AI2-T Datasheet HTML 12Page - Microchip Technology DSC1105AI2-T Datasheet HTML 13Page - Microchip Technology DSC1105AI2-T Datasheet HTML 14Page - Microchip Technology DSC1105AI2-T Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
 2017 Microchip Technology Inc.
DS20005869A-page 11
DSC1105/25
8.0
PACKAGING INFORMATION
8.1
Package Marking Information
Example
6-Pin CDFN/VDFN*
XXXXXXX
0SSS
DCPYYWW
0750000
0421
DCP1723
Legend: XX...X
Product code, customer-specific information, or frequency in MHz
without printed decimal point
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
SSS
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle mark).
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information. Package may or may not include
the corporate logo.
Underbar (_) and/or Overbar (‾) symbol may not be to scale.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28