| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSC1105AI2-T bảng dữ liệu(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSC1105AI2-T bảng dữ liệu(HTML) 6 Page - Microchip Technology |
|
6 / 28 page ![]() DSC1105/25 DS20005869A-page 6 2017 Microchip Technology Inc. 3.0 NOMINAL PERFORMANCE CURVES FIGURE 3-1: Phase Jitter (Integrated Phase Noise). FIGURE 3-2: Power Supply Rejection Ratio. FIGURE 3-3: Harmonic Levels vs. Output Drive Strength (15 pF Load). Note: The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. -25 -20 -15 -10 -5 0 5 10 15 135 7 911 DSC1101 DSC1105 Number of Harmonics |