công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS42426 bảng dữ liệu(PDF) 64 Page - Cirrus Logic

tên linh kiện CS42426
Giải thích chi tiết về linh kiện  114 dB, 192kHz 6-Ch CODEC WITH PLL
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42426 bảng dữ liệu(HTML) 64 Page - Cirrus Logic

Back Button CS42426 Datasheet HTML 59Page - Cirrus Logic CS42426 Datasheet HTML 60Page - Cirrus Logic CS42426 Datasheet HTML 61Page - Cirrus Logic CS42426 Datasheet HTML 62Page - Cirrus Logic CS42426 Datasheet HTML 63Page - Cirrus Logic CS42426 Datasheet HTML 64Page - Cirrus Logic CS42426 Datasheet HTML 65Page - Cirrus Logic CS42426 Datasheet HTML 66Page - Cirrus Logic CS42426 Datasheet HTML 67Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 64 / 67 page
background image
CS42426
64
DC ELECTRICAL CHARACTERISTICS (T
A = 25° C; AGND=DGND=0, all voltages with respect
to ground; OMCK=12.288 MHz; Master Mode)
Notes: 22. Current consumption increases with increasing FS and increasing OMCK. Max values are based on
highest FS and highest OMCK. Variance between speed modes is negligible.
23. ILC measured with no external loading on the SDA pin.
24. Power down mode is defined as RST pin = Low with all clock and data lines held static.
25. Valid with the recommended capacitor values on FILT+ and VQ as shown in Figure .
DIGITAL INTERFACE CHARACTERISTICS (For CQ, T
A = +25° C; For DQ, TA = -40 to +85° C)
Notes: 26. Serial Port signals include: RMCK, OMCK, ADC_SCLK, ADC_LRCK, DAC_SCLK, DAC_LRCK,
ADC_SDOUT, DAC_SDIN1-3 ADCIN1/2
Control Port signals include: SCL/CCLK, SDA/CDOUT, AD0/CS, AD1/CDIN, INT, RST
27. When operating RMCK above 24.576 MHz, limit the loading on the signal to 1 CMOS load.
Parameter
Symbol
Min
Typ
Max
Units
Power Supply Current
normal operation, VA=5 V
(Note 22)
VD=5 V
VD=3.3 V
Interface current, VLC=5V (Note 23)
VLS=5 V
power-down state (all supplies) (Note 24)
IA
ID
ID
ILC
ILS
Ipd
-
-
-
-
-
-
90
150
100
250
250
250
-
-
-
-
-
-
mA
mA
mA
µA
µA
µA
Power Consumption
(Note 22)
VA=5 V, VD=VLS=VLC=3.3 V
normal operation
power-down (Note 24)
VA=5 V, VD=VLS=VLC=5 V
normal operation
power-down (Note 24)
-
-
-
-
780
1.25
950
1.25
850
-
1050
-
mW
mW
mW
mW
Power Supply Rejection Ratio (Note 25)
(1 kHz)
(60 Hz)
PSRR
-
-
60
40
-
-
dB
dB
Parameters (Note 26)
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
Serial Port
Control Port
VIH
0.7xVLS
0.7xVLC
-
-
-
-
V
V
Low-Level Input Voltage
Serial Port
Control Port
VIL
-
-
-
-
0.2xVLS
0.2xVLC
V
V
High-Level Output Voltage at Io=2 mA
(Note 27)Serial Port
Control Port
MUTEC, GPOx
VOH
VLS-1.0
VLC-1.0
VA-1.0
-
-
-
-
-
-
V
V
V
Low-Level Output Voltage at Io=2 mA
(Note 27)
Serial Port, Control Port, MUTEC, GPOx
VOL
--
0.4
V
Input Leakage Current
Iin
--
±10
µA
Input Capacitance
-
8
-
pF
MUTEC Drive Current
-
3
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com