công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M37281EKSP bảng dữ liệu(PDF) 9 Page - Renesas Technology Corp

tên linh kiện M37281EKSP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37281EKSP bảng dữ liệu(HTML) 9 Page - Renesas Technology Corp

Back Button M37281EKSP Datasheet HTML 5Page - Renesas Technology Corp M37281EKSP Datasheet HTML 6Page - Renesas Technology Corp M37281EKSP Datasheet HTML 7Page - Renesas Technology Corp M37281EKSP Datasheet HTML 8Page - Renesas Technology Corp M37281EKSP Datasheet HTML 9Page - Renesas Technology Corp M37281EKSP Datasheet HTML 10Page - Renesas Technology Corp M37281EKSP Datasheet HTML 11Page - Renesas Technology Corp M37281EKSP Datasheet HTML 12Page - Renesas Technology Corp M37281EKSP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 172 page
background image
Rev.1.01
2003.07.16
page 9 of 170
M37281MAH–XXXSP,M37281MFH–XXXSP,M37281MKH–XXXSP, M37281EKSP
Fig. 7.1 I/O Pin Block Diagram (1)
N-channel open-drain output
Ports P00–P02, P04–P07
Note1 : Each port is also used as follows :
P00–P02 : PWM4–PWM6
P04–P07 : PWM0–PWM3
2 :
M37281EKSP, does not have
the diode side with VCC.
N-channel open-drain output
Port P11-P14
Note : Each port is also used as follows :
P11 : SCL1
P12 : SCL2
P13 : SDA1
P14 : SDA2
CMOS output
Ports P03, P10, P15–P17,
P2, P30, P31
Note : Each port is also used as follows :
P00 : PWM7
P10 : OUT2
P15 : G0
P16 : INT3/B0
P17 : SIN/R0
P24–P26 : AD3–AD1
P27 : AD5
P30 : AD7
P31 : AD8
P03, P10, P15–P17, P2, P30, P31
Data bus
Direction register
Port latch
Data bus
Direction register
Port latch
Data bus
Direction register
Port latch
P00–P02, P04–P07
P11–P14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More