| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM158AFKB bảng dữ liệu(PDF) 40 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM158AFKB bảng dữ liệu(HTML) 40 Page - Texas Instruments |
|
40 / 56 page ![]() Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant LM358PWR TSSOP PW 8 2000 330.0 12.4 7.0 3.6 1.6 8.0 12.0 Q1 LM358PWR TSSOP PW 8 2000 330.0 12.4 7.0 3.6 1.6 8.0 12.0 Q1 LM358PWRG3 TSSOP PW 8 2000 330.0 12.4 7.0 3.6 1.6 8.0 12.0 Q1 LM358PWRG4 TSSOP PW 8 2000 330.0 12.4 7.0 3.6 1.6 8.0 12.0 Q1 LM358PWRG4-JF TSSOP PW 8 2000 330.0 12.4 7.0 3.6 1.6 8.0 12.0 Q1 *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Length (mm) Width (mm) Height (mm) LM258ADGKR VSSOP DGK 8 2500 364.0 364.0 27.0 LM258ADR SOIC D 8 2500 364.0 364.0 27.0 LM258ADR SOIC D 8 2500 340.5 338.1 20.6 LM258ADR SOIC D 8 2500 333.2 345.9 28.6 LM258ADRG4 SOIC D 8 2500 367.0 367.0 35.0 LM258ADRG4 SOIC D 8 2500 340.5 338.1 20.6 LM258DGKR VSSOP DGK 8 2500 364.0 364.0 27.0 LM258DR SOIC D 8 2500 364.0 364.0 27.0 LM258DR SOIC D 8 2500 340.5 338.1 20.6 LM258DR SOIC D 8 2500 333.2 345.9 28.6 LM258DR SOIC D 8 2500 367.0 367.0 35.0 LM258DRG3 SOIC D 8 2500 364.0 364.0 27.0 PACKAGE MATERIALS INFORMATION www.ti.com 27-Oct-2019 Pack Materials-Page 3 |