công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM158AFKB bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM158AFKB
Giải thích chi tiết về linh kiện  Industry-Standard Dual Operational Amplifiers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM158AFKB bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM158AFKB Datasheet HTML 1Page - Texas Instruments LM158AFKB Datasheet HTML 2Page - Texas Instruments LM158AFKB Datasheet HTML 3Page - Texas Instruments LM158AFKB Datasheet HTML 4Page - Texas Instruments LM158AFKB Datasheet HTML 5Page - Texas Instruments LM158AFKB Datasheet HTML 6Page - Texas Instruments LM158AFKB Datasheet HTML 7Page - Texas Instruments LM158AFKB Datasheet HTML 8Page - Texas Instruments LM158AFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
3
LM158, LM158A, LM258, LM258A
LM358, LM358A, LM358B, LM358BA, LM2904, LM2904B, LM2904BA, LM2904V
www.ti.com
SLOS068W – JUNE 1976 – REVISED OCTOBER 2019
Product Folder Links: LM158 LM158A LM258 LM258A LM358 LM358A LM358B LM358BA LM2904 LM2904B
LM2904BA LM2904V
Submit Documentation Feedback
Copyright © 1976–2019, Texas Instruments Incorporated
•
Changed all entries in the Absolute Maximum Ratings table except TJ and Tstg .................................................................. 6
•
Deleted lead temperature and case temperature from Absolute Maximum Ratings.............................................................. 6
•
Changed device listings and their voltage values in the ESD Ratings table ......................................................................... 6
•
Changed "free-air temperature" to "ambient temperature" in the Recommended Operating Conditions condition
statement ............................................................................................................................................................................... 7
•
Changed table entries for all parameters in the Recommended Operating Conditions table ................................................ 7
•
Added rows to the Thermal Information table, and a table note regarding device-package combinations .......................... 7
•
Deleted the Operating Conditions table................................................................................................................................ 13
•
Added a condition statement to the Typical Characteristics section .................................................................................... 21
•
Changed specific voltages to a Recommended Operating Conditions reference................................................................ 24
•
Changed unity-gain bandwidth from 0.7 MHz for all devices to 1.2 MHz for B-version devices.......................................... 25
•
Changed slew rate from.3 V/µs for all devices to o.5 V/µs for B-version devices................................................................ 25
•
Changed the Input Common Mode Range section in multiple places throughout ............................................................... 25
•
Changed VCC to VS in the Application Information section .................................................................................................. 26
•
Subscripted the suffixes fro RI and RF.................................................................................................................................. 26
•
Changed Operational Amplifier Board Layout for Noninverting Configuration with an image that includes a dual op amp 28
•
Added Preview designation to the LM358B and LM2904B devices in Table 1 ................................................................... 29
Changes from Revision T (April 2015) to Revision U
Page
•
Changed data sheet title......................................................................................................................................................... 1
•
Added Receiving Notification of Documentation Updates section and Community Resources section ............................. 29
Changes from Revision S (January 2014) to Revision T
Page
•
Added Applications section, ESD Ratings table, Feature Description section, Device Functional Modes, Application
and Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging, and Orderable Information section ............................................................... 1
Changes from Revision R (July 2010) to Revision S
Page
•
Converted this data sheet from the QS format to DocZone using the PDF on the web ........................................................ 1
•
Deleted Ordering Information table ........................................................................................................................................ 1
•
Updated Features to include Military Disclaimer .................................................................................................................... 1
•
Added Typical Characteristics section.................................................................................................................................. 21
•
Added ESD warning ............................................................................................................................................................. 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56