công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM6072AFW bảng dữ liệu(PDF) 5 Page - Shenzhen TOPWAY Technology Co., Ltd

tên linh kiện LM6072AFW
Giải thích chi tiết về linh kiện  LCD Module User Manual
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Trang chủ  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM6072AFW bảng dữ liệu(HTML) 5 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM6072AFW Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM6072AFW Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM6072AFW Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM6072AFW Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM6072AFW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM6072AFW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM6072AFW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM6072AFW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM6072AFW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TOPWAY
LCD Module User Manual
LM6072AFW
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM6072AFW-Manual-Rev0.1
Page: 5 of 10
3. Absolute Maximum Ratings
Items
Symbol
Min.
Max.
Unit
Condition
Supply Voltage
VDD
-0.3
+3.6
V
VSS = 0V
Input Voltage
VIN
-0.2
VDD+0.2
V
VSS = 0V
Operating Temperature
TOP
-20
+70
°C
No Condensation
Storage Temperature
TST
-30
+80
°C
No Condensation
Cautions:
Any Stresses exceeding the Absolute Maximum Ratings may cause substantial damage to the device. Functional
operation of this device at other conditions beyond those listed in the specification is not implied and prolonged exposure
to extreme conditions may affect device reliability.
4. Electrical Characteristics
4.1
DC Characteristics
VSS=0V, VDD=3.3V, TOP=25°C
Items
Symbol
MIN.
TYP.
MAX.
Unit
Condition /
Application Pin
Operating Voltage
VDD
3.0
-
3.6
V
VDD
Input High Voltage
VIH
0.85xVDD
-
VDD
V
/RST, /CS, RS
DB0~DB7
Input Low Voltage
VIL
VSS
-
0.15xVDD
V
Operating Current
IDD
-
0.33
1.7
mA
VDD
4.2
LED Backlight Circuit Characteristics
Vss =0V, IfBLA=51mA, TOP=25°C
Items
Symbol
MIN.
TYP.
MAX.
Unit
Applicable Pin
Forward Voltage
VfBLA
-
3.3
-
V
BLA
Forward Current
IfBLA
-
51
60
mA
BLA
VSS
BLA



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com