công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM6072AFW bảng dữ liệu(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

tên linh kiện LM6072AFW
Giải thích chi tiết về linh kiện  LCD Module User Manual
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Trang chủ  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM6072AFW bảng dữ liệu(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM6072AFW Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM6072AFW Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM6072AFW Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM6072AFW Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM6072AFW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM6072AFW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM6072AFW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM6072AFW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM6072AFW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TOPWAY
LCD Module User Manual
LM6072AFW
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM6072AFW-Manual-Rev0.1
Page: 4 of 10
2. Terminal Functions
PIN
NO.
PIN
Name
I/O
Descriptions
Parallel mode
Serial mode
68 mode <default>
80 mode
1
VSS
Power
Negative power supply,0V
2
VDD
Power
Positive power supply
3
NC
-
No connection (leave open)
4
RS
Input
Register Select
RS = H, Transferring the Display Data
RS = L, Transferring the Control Data
5
R/W(/WR)
Input
In read mode
R/W = H;Data read form the
LCD module, data appears at
DB0 – DB7 and can be read by
the host while, E = H and the
device is being selected
In write mode
R/W = L;Data write to the LCD
module, data appears at DB0 –
DB7 will be written into the LCD
module at E = H L and device
is being selected
Write enable
input, active
LOW
Not used, pull
high or low
6
E(/RD)
Input
Read enable
input, active
LOW
7
DB0
I/O
8-bit bi-directional data bus
8
DB1
I/O
:
:
:
13
DB6(SCLK)
I/O
Serial Clock
Input
14
DB7(SID)
I/O
Serial Data
Input
15
/CS
Input
Chip Select
/CS=L, enable access to the LCD module
/CS=H, disable access to the LCD module
16
/RST
Input
Reset signal
/RST = L, Initialization is executed
/RST = H, Normal running.
17
NC
-
No connection (leave open)
18
NC
-
No connection (leave open)
19
NC
-
No connection (leave open)
20
BLA
Power
Positive Power Supply for LED backlight
Interface setting:
Setting
6800 mode(Default)
8080 mode
SPI mode
JP1
CLOSE
OPEN
CLOSE
JP2
OPEN
CLOSE
OPEN
JP5
CLOSE
CLOSE
OPEN
JP6
OPEN
OPEN
CLOSE



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com