công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDSUSBF bảng dữ liệu(PDF) 15 Page - TEKTRONIX, INC.

tên linh kiện TDSUSBF
Giải thích chi tiết về linh kiện  Digital and Mixed Signal Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEKTRONIX [TEKTRONIX, INC.]
Trang chủ  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TDSUSBF bảng dữ liệu(HTML) 15 Page - TEKTRONIX, INC.

Back Button TDSUSBF Datasheet HTML 11Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 12Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 13Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 14Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 15Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 16Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 17Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 18Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 19Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
Use B Event Scan trigger on DDR DQS edges used to construct an eye diagram of all
bits in a burst.
Logic pattern triggering
Logic pattern triggering allows logic qualification that controls when to look
for faults and ignore events that do not occur during the desired state. On
the MSO70000 Series, up to 20-bit wide logic pattern triggering enhances
the Pinpoint® trigger capabilities by helping you isolate the specific system
state and analog events that are causing system failure.
Digital A then analog B triggering (MSO70000 Series
only)
Advanced triggering capabilities include Digital A then Analog B to help you
to identify a specific digital pattern or system state and then wait for an
analog event such as a runt pulse to trigger the acquisition.
Integrated logic channels (MSO70000 Series only)
The MSO70000 Series extends the debug capabilities of a 4-channel
oscilloscope with an additional 16 logic channels that can be used to
provide system level context when the fault occurs. This context, such as
an illegal system state or error, may be the clue that leads to the root
cause. When other oscilloscopes require you to use a logic analyzer to see
the digital data you need to solve your debugging challenge, the
MSO70000 Series can effectively debug and verify many digital timing
issues in the system more quickly and easily. With 80 ps timing resolution
and channel-to-channel skews of as little as 160 ps, the integrated logic
channels allow you to view and measure time-correlated digital and analog
data in the same display window.
Integrated Logic Channels – Provide time-correlated analog and digital visibility for
system debugging.
FastFrame™
When the key events you are interested in are widely spaced in time, such
as bursts of activity on a bus, the FastFrame™ segmented memory feature
on the MSO/DPO70000 Series enables you to capture the events of
interest while conserving acquisition memory. Using multiple trigger events,
FastFrame™ captures and stores short bursts of signals and saves them as
frames for later viewing and analysis. On the MSO70000 Series,
FastFrame™ and bus or logic triggering enable you to capture your fastest,
bursty signals on the analog channels at the highest sample rate while the
logic channel trigger recognizes the bus cycle of interest. Capturing
thousands of frames is possible, so long-term trends and changes in the
bursting signal can be analyzed. Signals captured with FastFrame™ can
also be post-processed using waveform averaging or envelope mode.
iCapture™ (MSO70000 Series only)
When an anomaly is seen on digital lines, iCapture™ delivers new insight
into the analog behavior of the digital signals. With iCapture™, you can
route any 4 of the 16 logic channels to the MSO70000 Series' analog
acquisition system so that these signals can be viewed in finer detail. The
unique multiplexer circuitry of iCapture™ provides simultaneous digital and
analog views of signals without needing to move the logic probe or double
probe the circuit.
Advanced search and mark
Isolating the key event causing your system failure can often be a tedious
task. With the Advanced Event Search and Mark feature standard on the
MSO/DPO70000 Series, examining data and highlighting important events,
skipping the unimportant ones, and enhancing the comprehension of event
relationships is made easy. With ASM, you'll be able to navigate through
long record length acquisitions effortlessly and quickly locate the event you
have been trying to find. Advanced searches can be defined individually or
using the scope's trigger settings as the definition for the search. Even
Visual Trigger areas can be used as part of the ASM criteria.
Digital and Mixed Signal Oscilloscopes – MSO/DPO70000 Series
www.tek.com 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com