công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DPO4USB bảng dữ liệu(PDF) 31 Page - TEKTRONIX, INC.

tên linh kiện DPO4USB
Giải thích chi tiết về linh kiện  Mixed Domain Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEKTRONIX [TEKTRONIX, INC.]
Trang chủ  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DPO4USB bảng dữ liệu(HTML) 31 Page - TEKTRONIX, INC.

Back Button DPO4USB Datasheet HTML 27Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 28Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 29Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 30Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 31Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 32Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 33Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 34Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 35Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
Repetition rate
0.1 Hz to 25 MHz
Sample rate
250 MS/s
Frequency accuracy
Sine wave and ramp
130 ppm (frequency < 10 kHz)
50 ppm (frequency ≥ 10 kHz)
Square wave and pulse
130 ppm (frequency < 10 kHz)
50 ppm (frequency ≥ 10 kHz)
Resolution
0.1 Hz or 4 digits, whichever is larger
Amplitude accuracy
±[ (1.5% of peak-to-peak amplitude setting) + (1.5% of DC offset setting) + 1 mV ] (frequency = 1 kHz)
DC offset
DC offset range
±2.5 V into Hi-Z; ±1.25 V into 50 Ω
DC offset resolution
1 mV into Hi-Z; 500 uV into 50 Ω
Offset accuracy
±[(1.5% of absolute offset voltage setting) + 1 mV]; derated 3 mV for every 10 °C away from 25 °C
ArbExpress®
The MDO4000C is compatible with ArbExpress ® PC-based signal generator waveform creation and editing software. Capture
waveforms on the MDO4000C oscilloscope and transfer them to ArbExpress for editing. Create complex waveforms in ArbExpress
and transfer them to the arbitrary function generator in the MDO4000C for output. To download ArbExpress software, go to
www.tek.com/software/downloads.
4- Logic Analyzer (requires Option MDO4MSO)
Vertical system digital channels
Input channels
16 digital (D15 to D0)
Thresholds
Threshold per channel
Threshold selections
TTL, CMOS, ECL, PECL, User-defined
User-defined threshold range
±40 V
Threshold accuracy
±[100 mV + 3% of threshold setting]
Maximum input voltage
±42 Vpeak (typical)
Input dynamic range
30 Vp-p ≤200 MHz
10 Vp-p >200 MHz
Minimum voltage swing
400 mVp-p
Probe loading
Input impedance
100 kΩ
Input capacitance
3 pF
Vertical resolution
1 bit
MDO4000C Series Oscilloscope
3- Arbitrary Function Generator (requires Option MDO4AFG)
www.tek.com 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com