| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSC1121DI1-T bảng dữ liệu(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSC1121DI1-T bảng dữ liệu(HTML) 16 Page - Microchip Technology |
|
16 / 30 page ![]() DSC1101/21 DS20005613B-page 16 2017 Microchip Technology Inc. Microchip Technology Drawing C04-1007A Sheet 2 of 2 REF: Reference Dimension, usually without tolerance, for information purposes only. BSC: Basic Dimension. Theoretically exact value shown without tolerances. 1. 2. 3. Notes: Pin 1 visual index feature may vary, but must be located within the hatched area. Package is saw singulated Dimensioning and tolerancing per ASME Y14.5M 6-Lead Very Thin Plastic Dual Flatpack No-Lead (H5A) - 3.2x2.5 mm Body [VDFN] For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: Number of Terminals Overall Height Terminal Width Overall Width Terminal Length Terminal Width Pitch Standoff Units Dimension Limits A1 A b2 b1 e L E N 1.05 BSC 0.85 0.65 0.45 0.80 0.00 0.50 0.70 0.90 0.85 0.02 2.50 BSC MILLIMETERS MIN NOM 6 0.95 0.75 0.55 0.90 0.05 MAX L1 0.10 REF Terminal Pullback Overall Length D 3.20 BSC |