công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSC1121DI1-T bảng dữ liệu(PDF) 14 Page - Microchip Technology

tên linh kiện DSC1121DI1-T
Giải thích chi tiết về linh kiện  Low-Jitter Precision CMOS Oscillator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1121DI1-T bảng dữ liệu(HTML) 14 Page - Microchip Technology

Back Button DSC1121DI1-T Datasheet HTML 10Page - Microchip Technology DSC1121DI1-T Datasheet HTML 11Page - Microchip Technology DSC1121DI1-T Datasheet HTML 12Page - Microchip Technology DSC1121DI1-T Datasheet HTML 13Page - Microchip Technology DSC1121DI1-T Datasheet HTML 14Page - Microchip Technology DSC1121DI1-T Datasheet HTML 15Page - Microchip Technology DSC1121DI1-T Datasheet HTML 16Page - Microchip Technology DSC1121DI1-T Datasheet HTML 17Page - Microchip Technology DSC1121DI1-T Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
DSC1101/21
DS20005613B-page 14
 2017 Microchip Technology Inc.
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C
Contact Pad Width (X4)
Contact Pad Spacing
Contact Pad Width (X2)
Contact Pitch
X2
X1
0.25
0.65
MILLIMETERS
0.825 BSC
MIN
E
MAX
1.45
Space Between Contacts (X3)
Space Between Contacts (X4)
G2
G1
0.60
0.38
Microchip Technology Drawing C04-3005A
NOM
6-Lead Very Thin Dual Flatpack No-Leads (J7A) - 2.5x2.0 mm Body [VDFN]
1
2
6
Y
Contact Pad Length (X6)
0.85
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
C
E
X1
X2
Y
G1
G2
SILK SCREEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30