| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LS1020A bảng dữ liệu(PDF) 68 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
LS1020A bảng dữ liệu(HTML) 68 Page - Freescale Semiconductor, Inc |
|
68 / 71 page ![]() Board Configuration and Debug Support TWR-LS1021A Reference Manual, Rev. 0 Freescale Semiconductor 5-3 5.1.2 Bottom side Figure 5-3. TWR-LS1021A reference drawing - Bottom side NOTE Zoom-in to see the clear image of the drawing. 5.2 Switch configuration While the TWR-LS1021A board offer some configuration capability through the CPLD configuration registers, for stand-alone operation switches are provided to allow easy configuration of many popular options; in particular, those of interest to software developers as opposed to test facilities. To configure the system, use Table 5-1. Table 5-1. Switch configuration Switch Settings [OFF=0 ON=1] Option Description SW2[1] ON RCW Source is NOR NOR RCW_SEL 0 : NOR disabled 1 : NOR enabled(default) SW2[2] OFF Reserved Must be 0 [OFF] |