| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LS1020A bảng dữ liệu(PDF) 31 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
LS1020A bảng dữ liệu(HTML) 31 Page - Freescale Semiconductor, Inc |
|
31 / 71 page ![]() Architecture TWR-LS1021A Reference Manual, Rev. 0 2-16 Freescale Semiconductor 2.11.1 USB configuration and setup The USB block requires no board-specific setup or programming. 2.12 Local bus The LS1021A / LS1020A Integrated Flash Controller (IFC), also called the “local bus”, supports 32-bit addressing and 8- or 16-bit data widths, for a variety of devices. Figure 2-12 shows an overview of the IFC bus. Figure 2-11. IFC architecture On TWR-LS1021A board, the devices available on the IFC bus include: Table 2-10. IFC devices IFC device Mfg. Part number Description NOR Micron JS28F00AM29EWHA 1Gb (128MB) 110ns parallel NOR flash. ELEV Freescale TWR-ELEV, TWR-LCD Support TWR-LCD module using IFC bus CPLD BCSR Freescale n/a Board Control and Status Registers |