| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SAM5708B bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SAM5708B bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers |
|
5 / 89 page ![]() SAM5708B SAM5708B.pdf – Rev 14/05/2018 5 © 2015-2018 Dream S.A.S., France 1.5. Async Busses As shown in the general block diagram, several 24-bit Async Busses can be accessed by most of masters (P16XT, P24XT, DMA controller,…) in a parallel way. Two busses XBUS0 & XBUS1 give access to external memories. 1.6. Enhanced 16-bit CPU – P16XT The SAM5708B operates under the control of a new highly speed optimized 16-bit CPU (P16XT). The key features of the P16XT are the following: Operating frequency = 196.6 MHz New instructions including 32 bit data handling and 32x32 multiply Maximum executable program size = 512k words Backward compatibility with previous P16 products and optimized instruction set for C- compiler Interrupt handling: 3 interrupt signals, 32 sources with programmable Mask, Polarity & Triggering mode A tightly coupled code/cache memory allows the P16XT to fetch code lines with reduced latency when needed. This memory can be either used as code memory when the whole firmware can be stored in internal memory or as cache memory (n-Way Set Associative Cache System) in other cases. The internal code/cache memory is loaded during the boot sequence (at power-up) by P16XT ROM boot program. By default, the code/cache memory has a size of 512kbits (32k*16). Depending on performance requirements, the distribution of internal memory between code/cache and data/effect partitions can be modified as explained in the next paragraph. The P16XT ROM holds the boot program as well as a debugger which uses a dedicated asynchronous serial line. |