| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SAM5708B bảng dữ liệu(PDF) 12 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SAM5708B bảng dữ liệu(HTML) 12 Page - List of Unclassifed Manufacturers |
|
12 / 89 page ![]() SAM5708B SAM5708B.pdf – Rev 14/05/2018 12 © 2015-2018 Dream S.A.S., France 4. SAM5708B PINOUT 4.1. Memory Config The SAM5708B can be used in 6 different hardware configurations called Memory Config. This flexible architecture allows selecting the appropriate memory interfaces for each application. Memory Config can be defined in two ways: 1. Sensed at start-up: Memory Config is defined by the level on MC0, MC1 and MC2 pins sensed at start-up. MC0 sensed on CKOUT, MC1 sensed on SPICK and MC2 sensed on MIDI_OUT. 2. Read from Efuse MC bits: Memory Config is preprogrammed in embedded eFuse. In this case MC0-MC2 pins will not be sensed. 4.1.1. Memory Config Table MC2 MC1 MC0 Memory Config Description 0 0 0 1 SDRAM + NOR Flash. 0 0 1 2 SRAM + NOR Flash. 0 1 0 3 SDRAM + NAND Flash. 0 1 1 4 SRAM + NAND Flash. 1 0 0 5 SRAM + Ethernet. 1 0 1 6 Quad NOR Flash + Quad SRAM + Ethernet + Versatile IOs (Keyboard applications) 1 1 0 - Reserved for test. Do not use 1 1 1 - Reserved for test. Do not use |