| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1718 bảng dữ liệu(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1718 bảng dữ liệu(HTML) 27 Page - STMicroelectronics |
|
27 / 231 page ![]() DocID025776 Rev 15 27/231 UM1718 Installing and running STM32CubeMX 230 • To run STM32CubeMX in command-line mode getting commands from a scripts and without UI, use the following command line: – On Windows: java -jar STM32CubeMX.exe –q <script filename> – On Linux and MacOS: java -jar STM32CubeMX –q <script filename> Here again, the user can enter commands when the MX prompt is displayed. See Table 1 for available commands . Table 1. Command line summary Command line Purpose Example help Display the list of available commands help load <mcu> Load the selected MCU load STM32F101RCTx load STM32F101Z(F-G)Tx config load <filename> Load a previously saved configuration config load C:\Cube\ccmram\ccmram.ioc config save <filename> Save the current configuration config save C:\Cube\ccmram\ccmram.ioc config saveext <filename> Save the current configuration with all parameters, including those for which values have been kept to defaults (unchanged by the user). config saveext C:\Cube\ccmram\ccmram.ioc config saveas <filename> Save the current project under a new name config saveas C:\Cube\ccmram2\ccmram2.ioc csv pinout <filename> Export the current pin configuration as a csv file. This file could later be imported into a board layout tool. Csv pinout mypinout.csv script <filename> Run all commands in the script file. There must be one command per line. script myscript.txt project couplefilesbyip <0|1> This code generation option allows choosing between 0 for generating the peripheral initializations in the main or 1 for generating each peripheral initialization in dedicated .c/.h files. project couplefilesbyip 1 |