công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM1718 bảng dữ liệu(PDF) 95 Page - STMicroelectronics

tên linh kiện UM1718
Giải thích chi tiết về linh kiện  STM32CubeMX for STM32 configuration and initialization C code generation
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1718 bảng dữ liệu(HTML) 95 Page - STMicroelectronics

Back Button UM1718 Datasheet HTML 91Page - STMicroelectronics UM1718 Datasheet HTML 92Page - STMicroelectronics UM1718 Datasheet HTML 93Page - STMicroelectronics UM1718 Datasheet HTML 94Page - STMicroelectronics UM1718 Datasheet HTML 95Page - STMicroelectronics UM1718 Datasheet HTML 96Page - STMicroelectronics UM1718 Datasheet HTML 97Page - STMicroelectronics UM1718 Datasheet HTML 98Page - STMicroelectronics UM1718 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 231 page
background image
DocID025776 Rev 15
95/231
UM1718
STM32CubeMX User Interface
230
4.12.4
DMA Configuration window
Click DMA in the Configuration pane to open the DMA configuration window.
This window allows to configure the generic DMA controllers available on the MCU. The
DMA interfaces allow to perform data transfers between memories and peripherals while the
CPU is running, and memory to memory transfers (if supported).
Note:
Some IPs such as USB or Ethernet, have their own DMA controller, which is enabled by
default or via the IP configuration window.
Clicking Add in the DMA configuration window adds a new line at the end of the DMA
configuration window with a combo box proposing to choose between possible DMA
requests to be mapped to peripherals signals (see Figure 74).
Figure 74. Adding a new DMA request
Selecting a DMA request automatically assigns a stream among all the streams available, a
direction and a priority. When the DMA channel is configured, it is up to the application code
to fully describe the DMA transfer run-time parameters such as the start address, etc....
The DMA request (called channel for STM32F4 MCUs) is used to reserve a stream to
transfer data between peripherals and memories (see Figure 75). The stream priority will be
used to decide which stream to select for the next DMA transfer.
DMA controllers support a dual priority system using the software priority first, and in case of
equal software priorities, a hardware priority that is given by the stream number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com