| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CSAS3F3CY2202 bảng dữ liệu(PDF) 1 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
CSAS3F3CY2202 bảng dữ liệu(HTML) 1 Page - Eaton All Rights Reserved. |
|
1 / 102 page ![]() Volume 8—Sensing Solutions CA08100010E—September 2017 www.eaton.com V8-T3-1 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 Inductive Proximity Sensors iProx E57P Performance AccuProx E56 Pancake Nonmetallic Tubular E52 Cube Style E51, Factory Sealed 3.0 Introduction Quick Reference Guide . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V8-T3-2 3.1 iProx Sensors Product Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V8-T3-11 3.2 E57P Performance Series Sensors Product Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V8-T3-18 3.3 E57PS Performance Short Body Sensors Product Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V8-T3-24 3.4 E57G General Purpose Proximity Sensors Product Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V8-T3-29 3.5 E57 Two-Wire (AC, AC/DC, DC) Proximity Sensors Product Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V8-T3-35 3.6 AccuProx Analog Sensors Product Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V8-T3-49 3.7 Ferrous Only Tubular Sensors Product Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V8-T3-55 3.8 Metal Face Sensors Product Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V8-T3-58 3.9 High Current Output Sensors Product Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V8-T3-62 3.10 Small Diameter (4, 5, 6.5, 8 mm) Sensors Product Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V8-T3-65 3.11 E56 Pancake Sensors Product Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V8-T3-71 3.12 Nonmetallic Tubular Sensors Product Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V8-T3-76 3.13 E52 Cube Style Sensors Product Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V8-T3-79 3.14 E52 Rectangular Style Sensors Product Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V8-T3-83 3.15 E55 Limit Switch Style Sensors with Nonmetallic Housings Product Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V8-T3-86 3.16 E51 Modular Limit Switch Style Sensors Product Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V8-T3-88 3.17 E51 Limit Switch Style, Factory Sealed 6P+ Sensors Product Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V8-T3-97 Learn Online For Customer Service in the U.S. call 1-877-ETN CARE (386-2273), in Canada call 1-800-268-3578. For Application Assistance in the U.S. and Canada call 1-800-426-9184. Unless otherwise noted, the products contained in this section should not be used for functional safety applications. These products were not designed or tested to IEC 60947-5-3 or recommended for functional safety. |
Số phần tương tự - CSAS3F3CY2202 |
|
Mô tả tương tự - CSAS3F3CY2202 |