công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CSAS3F3CY2202 bảng dữ liệu(PDF) 86 Page - Eaton All Rights Reserved.

tên linh kiện CSAS3F3CY2202
Giải thích chi tiết về linh kiện  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EATON [Eaton All Rights Reserved.]
Trang chủ  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3CY2202 bảng dữ liệu(HTML) 86 Page - Eaton All Rights Reserved.

Back Button CSAS3F3CY2202 Datasheet HTML 82Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 83Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 84Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 85Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 86Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 87Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 88Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 89Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 90Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-85
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.14
Inductive Proximity Sensors
E52 Rectangular Style Sensors
Wiring Diagrams
Pin numbers are for reference, rely on pin location when wiring.
E52 Rectangular Style Sensors
Dimensions
Approximate Dimensions in Inches (mm) except where noted
E52 Rectangular Style Sensors
R12
Note: Dimensions are mm only.
Q16
Q25
R18
Operating
Voltage
Output
Cable Models
Nano-Connector Models
(Face View Male Shown)
Three-Wire Sensors
DC
NPN
PNP
BU
BN
(–)
+V
BK
Load
(–)
+V
Load
BU
BN
(_)
+V
BK
Load
(–)
+V
Load
0.39
(10)
ø0.13
(ø3.3)
0.69
(17.5)
1.15
(29.2)
1.00
(25.5)
LED
0.66
(17)
0.65
(16.5)
0.71
(18)
ø0.47
(ø12)
ø0.16
(ø4)
0.28 (7)
1.77 (45)
1.97 (50)
0.98
(25)
LED
0.71
(18)
0.24 (6)
M8
0.39
(10)
0.47 (12)
0.91 (23)
1.18 (30)
0.13 x 0.18
(3.2 x 4.6)
M8
0.71
(18)
0.24 (6)
0.39
(10)
0.91 (23)
1.18 (30)
0.13 x 0.18
(3.2 x 4.6)
LED
LED
0.18 (4.6)
0.17 (4.2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com