công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT89S53 bảng dữ liệu(PDF) 21 Page - List of Unclassifed Manufacturers

tên linh kiện AT89S53
Giải thích chi tiết về linh kiện  State-of-the Art Evaluation Module for 8, 20 & 40-pin Microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

AT89S53 bảng dữ liệu(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AT89S53 Datasheet HTML 17Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 18Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 19Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 20Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 21Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 22Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 23Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 24Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
User Manual V2.00 Evalu8r
17
Pin Assignments Continued
Pin
8051
Function
Evalu8r
AVR
Function
1
P1.0
LED1
PB0
T0
2
P1.1
LED0
PB1
T1
3
P1.2
LED2 or A/D Reference
PB2
AIN0
4
P1.3
LED3 or A/D Input
PB3
AIN1
5
P1.4
LED4
PB4
SS
6
P1.5
LED5 & SPI
PB5
MOSI
7
P1.6
LED6 & SPI
PB6
MISO
8
P1.7
LED7 & SPI
PB7
SCK
9
RST
Reset Pin
Links 3 & 4/CON8-10
RESET
10
P3.0
RXD
PD0
RXD
11
P3.1
TXD
PD1
TXD
12
P3.2
INT0
SWITCH 5
PD2
INT0
13
P3.3
INT1
SWITCH 4
PD3
INT1
14
P3.4
T0
SWITCH 2
PD4
15
P3.5
T1
SWITCH 3
PD5
OC1A
16
P3.6
PD6
WR
17
P3.7
SWITCH 1
PD7
RD
18
XTAL2
XTAL2
19
XTAL1
XTAL1
20
GND
CON9-10
GND
21
P2.0
CON9-2
PC0
A8
22
P2.1
CON9-3
PC1
A9
23
P2.2
CON9-4
PC2
A10
24
P2.3
CON9-5
PC3
A11
25
P2.4
CON9-6
PC4
A12
26
P2.5
CON9-7
PC5
A13
27
P2.6
CON9-8
PC6
A14
28
P2.7
CON9-9
PC7
A15
29
PSEN
CON10-4
OC1B
30
ALE
CON10-3
ALE
31
EA
CON10-2
ICP
32
P0.7
CON11-9
PA7
AD7
33
P0.6
CON11-8
PA6
AD6
34
P0.5
CON11-7
PA5
AD5
35
P0.4
CON11-6
PA4
AD4
36
P0.3
CON11-5
PA3
AD3
37
P0.2
CON11-4
PA2
AD2
38
P0.1
CON11-3
PA1
AD1
39
P0.0
CON11-2
PA0
AD0
40
Vcc
CON11-1
Vcc
40-pin microcontrollers
Figure 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26