| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT89S53 bảng dữ liệu(PDF) 16 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AT89S53 bảng dữ liệu(HTML) 16 Page - List of Unclassifed Manufacturers |
|
16 / 26 page ![]() Evalu8r User Manual V2.00 12 An important difference between the Atmel 89C/89S and AVR microcontrollers is the polarity of the RESET pin. The 89C/89S devices feature an ACTIVE HIGH Reset, where as the AVR devices feature an ACTIVE LOW Reset. The Evalu8r module features user configurable RESET polarity. It is necessary to change only two jumper settings as detailed below to support either ACTIVE HIGH or ACTIVE LOW RESET polarity. RESET Configurations C7 10 µF Vcc R4 10K R11 120 S6 RESET 8051 Con 8 Pin 10 EXTERNAL RESET C10 10 µF Vcc R10 10K R11 120 S6 RESET AVR Con 8 Pin 10 EXTERNAL RESET Active High RESET Function Active Low RESET Function Figure 29 Figure 30 Suitable for 8051 microcontroller family e.g. 87C/89C/89S devices Suitable for: All AVR microcontrollers Link 3 Link 4 1-2 1-2 Link 3 Link 4 2-3 2-3 Please note the use of a C/R RESET circuit will not prevent corruption of the on-chip AVR EEPROM Figure 31 Figure 32 |