| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STUSB4710AQ1TR bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STUSB4710AQ1TR bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 34 page ![]() User-defined startup configuration STUSB4710 14/34 DocID030499 Rev 4 4 User-defined startup configuration 4.1 Parameter overview The STUSB4710 has a set of user-defined parameters that can be customized by NVM re- programming and/or by software through I2C interface. It allows changing the preset configuration of USB Type-C and PD interface and to define a new configuration to meet specific customer requirements addressing various applications, use cases or specific implementations. The NVM re-programming overrides the initial default setting to define a new default setting that is used at power-up or after a reset. The default value is copied at power-up, or after a reset, from the embedded NVM into dedicated I2C register bits. The NVM re-programming is possible few times with a customer password. Table 6: PDO configurations in NVM Feature Parameter Value Default PDO1 Voltage 5 V 5 V Current Configurable – defined by PDO1_I [3:0] 3 A PDO2 Voltage Configurable – defined by PDO2_V [1:0] 9 V Current Configurable – defined by PDO2_I [3:0] 3 A PDO3 Voltage Configurable – defined by PDO3_V [1:0] 12 V Current Configurable – defined by PDO3_I [3:0] 3 A PDO4 Voltage Configurable – defined by PDO4_V [1:0] 15 V Current Configurable – defined by PDO4_I [3:0] 3 A PDO5 Voltage Configurable – defined by PDO5_V [1:0] 20 V Current Configurable – defined by PDO5_I [3:0] 2.25 A When a default value is changed during system boot by software, the new settings apply as long as the STUSB4710is being run and until it is changed again. But after power-off and power-up, or after a hardware reset, the STUSB4710 takes back default values defined in the NVM. 4.2 PDO – voltage configuration in NVM PDO2_V [1:0], PDO3_V [1:0], PDO4_V [1:0] and PDO5_V [1:0] can be configured with the following values: Table 7: PDO NVM voltage configuration Value Configuration 2b00 9 V 2b01 15 V 2b10 PDO_FLEX_V1 2b11 PDO_FLEX_V2 PDO_FLEX_V1 and PDO_FLEX_V2 are defined in a specific 10-bit register, value is being expressed in 50 mV units. |