| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S-8211CDG-M5T1U bảng dữ liệu(PDF) 28 Page - ABLIC Inc. |
|
|
|||||||||||||||||||||||||||||
S-8211CDG-M5T1U bảng dữ liệu(HTML) 28 Page - ABLIC Inc. |
|
28 / 43 page ![]() BATTERY PROTECTION IC FOR 1-CELL PACK S-8211C Series Rev.7.7_03 28 Battery Protection IC Connection Example R1 Battery C1 VSS DO VDD CO VM S-8211C Series FET1 FET2 EB EB R2 Figure 14 Table 20 Constants for External Components Symbol Part Purpose Min. Typ. Max. Remark FET1 N-channel MOS FET Discharge control Threshold voltage Overdischarge detection voltage *1 P Gate to source withstand voltage Charger voltage P *2 FET2 N-channel MOS FET Charge control Threshold voltage Overdischarge detection voltage *1 Gate to source withstand voltage Charger voltage *2 R1 Resistor ESD protection, For power fluctuation 100 220 330 Resistance should be as small as possible to avoid lowering the overcharge detection accuracy due to current consumption. *3 C1 Capacitor For power fluctuation 0.022 F 0.1 F 1.0 F Connect a capacitor of 0.022 F or higher between VDD pin and VSS pin. *4 R2 Resistor Protection for reverse connection of a charger 300 2 k 2 k Select as large a resistance as possible to prevent current when a charger is connected in reverse. *5 *1. If the threshold voltage of a FET is low, the FET may not cut the charge current. If a FET with a threshold voltage equal to or higher than the overdischarge detection voltage is used, discharging may be stopped before overdischarge is detected. *2. If the withstand voltage between the gate and source is lower than the charger voltage, the FET may be destroyed. *3. If a high resistor is connected to R1, the voltage between VDD pin and VSS pin may exceed the absolute maximum rating when a charger is connected in reverse since the current flows from the charger to the IC. Insert a resistor of 100 or higher as R1 for ESD protection. *4. If a capacitor of less than 0.022 F is connected to C1, DO pin may oscillate when load short-circuiting is detected. Be sure to connect a capacitor of 0.022 F or higher to C1. *5. If a resistor of 2 k or higher is connected to R2, the charge current may not be cut when a high-voltage charger is connected. Caution 1. The above constants may be changed without notice. 2. It has not been confirmed whether the operation is normal or not in circuits other than the above example of connection. In addition, the example of connection shown above and the constant do not guarantee proper operation. Perform thorough evaluation using the actual application to set the constant. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |