công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S-8211CDG-M5T1U bảng dữ liệu(PDF) 21 Page - ABLIC Inc.

tên linh kiện S-8211CDG-M5T1U
Giải thích chi tiết về linh kiện  BATTERY PROTECTION IC FOR 1-CELL PACK
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ABLIC [ABLIC Inc.]
Trang chủ  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-8211CDG-M5T1U bảng dữ liệu(HTML) 21 Page - ABLIC Inc.

Back Button S-8211CDG-M5T1U Datasheet HTML 17Page - ABLIC Inc. S-8211CDG-M5T1U Datasheet HTML 18Page - ABLIC Inc. S-8211CDG-M5T1U Datasheet HTML 19Page - ABLIC Inc. S-8211CDG-M5T1U Datasheet HTML 20Page - ABLIC Inc. S-8211CDG-M5T1U Datasheet HTML 21Page - ABLIC Inc. S-8211CDG-M5T1U Datasheet HTML 22Page - ABLIC Inc. S-8211CDG-M5T1U Datasheet HTML 23Page - ABLIC Inc. S-8211CDG-M5T1U Datasheet HTML 24Page - ABLIC Inc. S-8211CDG-M5T1U Datasheet HTML 25Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
S-8211C Series
21
Operation
Remark Refer to " Battery Protection IC Connection Example".
1. Normal status
The S-8211C Series monitors the voltage of the battery connected between the VDD pin and VSS pin and the
voltage difference between the VM pin and VSS pin to control charging and discharging. When the battery voltage is
in the range from overdischarge detection voltage (VDL) to overcharge detection voltage (VCU), and the VM pin
voltage is in the range from the charge overcurrent detection voltage (VCIOV) to discharge overcurrent detection
voltage (VDIOV), the S-8211C Series turns both the charging and discharging control FETs on. This condition is called
the normal status, and in this condition charging and discharging can be carried out freely.
The resistance (RVMD) between the VM pin and VDD pin, and the resistance (RVMS) between the VM pin and VSS pin
are not connected in the normal status.
Caution When the battery is connected for the first time, discharging may not be enabled. In this case, short
the VM pin and VSS pin, or set the VM pin’s voltage at the level of the charge overcurrent detection
voltage (VCIOV) or more and the discharge overcurrent detection voltage (VDIOV) or less by
connecting the charger. The S-8211C Series then returns to the normal status.
2. Overcharge status
When the battery voltage becomes higher than overcharge detection voltage (VCU) during charging in the normal
status and detection continues for the overcharge detection delay time (tCU) or longer, the S-8211C Series turns the
charging control FET off to stop charging. This condition is called the overcharge status.
The resistance (RVMD) between the VM pin and VDD pin, and the resistance (RVMS) between the VM pin and VSS pin
are not connected in the overcharge status.
The overcharge status is released in the following two cases ( (1) and (2) ).
(1) In the case that the VM pin voltage is higher than or equal to the charge overcurrent detection voltage (VCIOV),
and is lower than the discharge overcurrent detection voltage (VDIOV), the S-8211C Series releases the
overcharge status when the battery voltage falls below the overcharge release voltage (VCL).
(2) In the case that the VM pin voltage is higher than or equal to the discharge overcurrent detection voltage (VDIOV),
the S-8211C Series releases the overcharge status when the battery voltage falls below the overcharge
detection voltage (VCU).
The discharge is started by connecting a load after the overcharge detection, the VM pin voltage rises more than
the VSS pin voltage due to the Vf voltage of the parasitic diode, because the discharge current flows through the
parasitic diode in the charging control FET. If this VM pin voltage is higher than or equal to the discharge
overcurrent detection voltage (VDIOV), the S-8211C Series releases the overcharge status when the battery voltage
is lower than or equal to the overcharge detection voltage (VCU).
For the actual application boards, changing the battery voltage and the charger voltage simultaneously enables to
measure the overcharge release voltage (VCL). In this case, the charger is always necessary to have the
equivalent voltage level to the battery voltage. The charger keeps VM pin voltage higher than or equal to the
charge overcurrent detection voltage (VCIOV) and lower than or equal to the discharge overcurrent detection
voltage (VDIOV). The S-8211C Series releases the overcharge status when the battery voltage falls below the
overcharge release voltage (VCL).
Caution 1. If the battery is charged to a voltage higher than overcharge detection voltage (VCU) and the
battery voltage does not fall below overcharge detection voltage (VCU) even when a heavy load is
connected, discharge overcurrent detection and load short-circuiting detection do not function
until the battery voltage falls below overcharge detection voltage (VCU). Since an actual battery
has an internal impedance of tens of m
, the battery voltage drops immediately after a heavy
load that causes overcurrent is connected, and discharge overcurrent detection and load short-
circuiting detection function.
2. When a charger is connected after overcharge detection, the overcharge status is not released
even if the battery voltage is below overcharge release voltage (VCL). The overcharge status is
released when the VM pin voltage goes over the charge overcurrent detection voltage (VCIOV) by
removing the charger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com