| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
420LB35 bảng dữ liệu(PDF) 3 Page - Protek Devices |
|
|
|||||||||||||||||||||||||||||
420LB35 bảng dữ liệu(HTML) 3 Page - Protek Devices |
|
3 / 3 page ![]() 3 www.protekdevices.com 05048.R3 11/03 420LE28 thru 420LB60 COPYRIGHT © ProTek Devices 2003 SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC). DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer’s and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products. PACKAGE OUTLINE & DIMENSIONS ProTek Devices 2929 South Fair Lane, Tempe, AZ 85282 Tel: 602-431-8101 Fax: 602-431-2288 E-Mail: sales@protekdevices.com Web Site: www.protekdevices.com Mounting Hole for #8 Screw 2.25” MAX (57.2mm) 1.19” MAX (30.2mm) #6 Screw 0.61” MAX (15.5mm) Adhesive Mylar Label Terminal Screw Terminal Strip 3.8” MAX (96.5mm) 1.125” (28.575mm) 420LE CASE OUTLINE 3.25”±0.015” (82.6mm±0.38mm) OUTPUT 5 4 3 2 3.8” MAX (95.5mm) 3.0” MAX (76.2mm) 1.9” MAX (48.2mm) 0.30” MAX (7.6mm) 0.07 (17.8mm) GND 2 5 Orientation Notch CONTINUITY INPUT 12 13 14 15 INPUT Connected to Lines From Out Side World OUTPUT Connected to Transmit/Receiver Circuits NOTE: I/O contacts spaced at 0.156” (3.96 mm) centers 420LB BOARD OUTLINE 0.325” MAX (8.25mm) 12 15 |