| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
420LB35 bảng dữ liệu(PDF) 2 Page - Protek Devices |
|
|
|||||||||||||||||||||||||||||
420LB35 bảng dữ liệu(HTML) 2 Page - Protek Devices |
|
2 / 3 page ![]() 2 www.protekdevices.com 05048.R3 11/03 420LE28 thru 420LB60 DEVICE CHARACTERISTICS INSTALLATION INSTRUCTIONS There are five (5) terminals on the LINE SIDE and five (5) terminals on the EQUIPMENT SIDE of the 420LE, 4 data lines and one ground. Both grounds are connected together internally. A single low impedance is ground sufficient. Incoming data lines are cut or disconnected from the equipment to insert the 420LE/B products. The incoming lines are to be connected to the line side terminals as the equipment side lines are connected to the equipment side terminals. The location of the product should be as close to the equipment as possible. The 420LE/B series is designed with a short circuit failure mode to give maximum protection. A fuse, fussable link, or circuit breaker is recommended for each data/ signal line on the input side for those that require an open circuit failure mode. Caution: A low DC resistance ground may not be indicative of a good lightning ground. Lightning contains a broad spectrum of frequencies up to 1 MHz. A low impedance path to ground at the transient frequencies is necessary. A ground strap is recommended or a #6 AWG stranded wire. For wire lengths over 1.5 meters, there may be some excessive line to earth potential under severe thunderstorm conditions. 28.0 35.0 60.0 28.0 35.0 60.0 PROTEK PART NUMBER MAXIMUM OPERATING LINE VOLTAGE V OP ± VOLTS MAXIMUM LEAKAGE CURRENT @ V OP I D µA MAXIMUM CLAMPING VOLTAGE (8/20µs) @2,000A V C VOLTS MAXIMUM CAPACITANCE @ 0V, 1 MHz C pF MAXIMUM LINE THRUPUT RESISTANCE R OHMS 40 60 85 40 60 85 5.0 5.0 5.0 5.0 5.0 5.0 420LE28 420LE35 420LE60 420LB28 420LB35 420LB60 2800 1500 1000 2800 1500 1000 12 12 12 12 12 12 ELECTRICAL CHARACTERISTICS @ 250C Ambient Temperature MAXIMUM RATINGS @ 250C Operating Line Current 100mA Operating Temperature -55 to 100 0C Storage Temperature -55 to 100 0C Transient Source Voltage 6kV Transient Current (8/20µs) 10kA |