công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

K50 bảng dữ liệu(PDF) 3 Page - Banner Engineering Corp.

tên linh kiện K50
Giải thích chi tiết về linh kiện  EZ-LIGHT짰 K50 and K80 Series Pick-to-Light Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BANNER [Banner Engineering Corp.]
Trang chủ  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

K50 bảng dữ liệu(HTML) 3 Page - Banner Engineering Corp.

  K50_V02 Datasheet HTML 1Page - Banner Engineering Corp. K50_V02 Datasheet HTML 2Page - Banner Engineering Corp. K50_V02 Datasheet HTML 3Page - Banner Engineering Corp. K50_V02 Datasheet HTML 4Page - Banner Engineering Corp. K50_V02 Datasheet HTML 5Page - Banner Engineering Corp. K50_V02 Datasheet HTML 6Page - Banner Engineering Corp. K50_V02 Datasheet HTML 7Page - Banner Engineering Corp. K50_V02 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
E-Series Models — 2 Colors
• Job light is green at all times while job input is active
• Presence of hand (or pressing push button) activates output
• Presence of hand (or pressing push button) while job input is inactive causes unit to light red, providing visual verification that
sensor is functioning properly
Model 1
Sensing Mode / LED
Housing
Range
Output 2
K50APLPGREQ
Polarized retroreflective, visible red,
680 nm
50 mm (1.9 in) dome, 30
mm (1.1 in) mount,
polycarbonate
2 m (6 ft)
PNP, N.O.
K50RPLPGREQ
PNP, N.C.
K50ANLPGREQ
NPN, N.O.
K50RNLPGREQ
NPN, N.C.
K50APFF50GREQ
Fixed field infrared, 880 nm
50 mm (1.9 in) cutoff
PNP, N.O.
K50RPFF50GREQ
PNP, N.C.
K50ANFF50GREQ
NPN, N.O.
K50RNFF50GREQ
NPN, N.C.
K50APFF100GREQ
100 mm (3.9 in)
cutoff
PNP, N.O.
K50RPFF100GREQ
PNP, N.C.
K50ANFF100GREQ
NPN, N.O.
K50RNFF100GREQ
NPN, N.C.
K50APPBGREQ
Push button
PNP, N.O.
K50RPPBGREQ
PNP, N.C.
K50ANPBGREQ
NPN, N.O.
K50RNPBGREQ
NPN, N.C.
K80APPBGREQ
50 mm (1.9 in) dome,
Flat or DIN- mount,
polycarbonate
PNP, N.O.
K80RPPBGREQ
PNP, N.C.
K80ANPBGREQ
NPN, N.O.
K80RNPBGREQ
NPN, N.C.
Overview
The K50 & K80 Pick-to-Light Sensors are suited to many part assembly and bin picking (pick-to-light) applications.
The entire translucent dome provides the green job light or other indication (depending on model), for high visibility. The solid-state
output easily interfaces to a system controller, which is pre-programmed for a specific sequence of tasks. Mounted in or near each bin
in an assembler’s work station, the sensor job light signals the assembler:
• Which bins contain items to be picked in a given operation; and
• In what order they should be picked.
As the assembler takes a part in sequence, the K50 or K80 senses a hand in the bin and its output sends a signal to the controller. (For
push-button models, the sensing occurs when the button is pushed. For other models, no action other than reaching for the part is
required for the sensor to detect when a pick is made.)
The system controller then verifies if the correct part was taken and may respond by turning that job light OFF and activating the job
light of the next bin in the sequence. If multiple parts are to be removed from one bin, the job light may remain ON until the
appropriate number of signals is returned to the controller. If an incorrect part is selected, the control system may be wired to signal an
alarm for the assembler and/or a supervisor, or it may be programmed to interpret the action as a call for parts.
The job light system results in increased efficiency (due to simplified job training), increased quality control (no skipped components),
and reduced rework and inspections. It speeds the resumption of work after breaks and other distractions and is ideal for multilingual
workplaces where communication is an issue.
The fixed-field and retroreflective-mode models require no interaction to operate, and so eliminate the hand, wrist, and arm stresses
associated with mechanical push buttons. All models are immune to EMI, RFI, and ambient light interference. The polycarbonate and
nylon housing is capable of absorbing high impact (even at low temperatures) and is resistant to abrasion and to damage by most
chemicals. Its domed construction allows most dust and debris to slide easily off the sensor housing, simplifying maintenance. The 30
mm threaded base on all models provides easy mounting. Indicator behavior is shown in the table below.
EZ-LIGHT® K50 and K80 Series Pick-to-Light Sensors
P/N 126441 Rev. J
www.bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com